Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4L Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # PCM4L
Description  PTP Clock Manager for Linux
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PCM4L Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button PCM4L Datasheet HTML 25Page - Renesas Technology Corp PCM4L Datasheet HTML 26Page - Renesas Technology Corp PCM4L Datasheet HTML 27Page - Renesas Technology Corp PCM4L Datasheet HTML 28Page - Renesas Technology Corp PCM4L Datasheet HTML 29Page - Renesas Technology Corp PCM4L Datasheet HTML 30Page - Renesas Technology Corp PCM4L Datasheet HTML 31Page - Renesas Technology Corp PCM4L Datasheet HTML 32Page - Renesas Technology Corp PCM4L Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
R31DS0087EU0101 Rev.1.01
Page 29
Sep.28.21
pcm4l Datasheet
5.2 PDV Tolerance
5.2.1
Time Noise Tolerance for PTS - G.8273.4 Clause 8.3 (using G.8275.2 Profile)
For test details, see the Calnex Test Guide CX3013. This test checks whether the equipment clock can maintain
network limits at the output (max|TE|L < 1350ns) with maximum noise at the input.
▪ Reference Model 1 (NoBCs_HighStablility) – Network Topology with no intermediate time-aware devices
▪ Reference Model 2 (WithBCs_NormalStablility) – Network topology of three islands, or two time-aware bridging
devices
The High Stability PDV profiles model a packet selection characteristic per below (based on G.8271.2):
▪ Selection window = 200s
▪ Selection percentage = 0.25% fastest packets
The pattern is then normalized so that the peak-to-peak pktSelected2wayTE is <1100 ns.
The following figures show the TE performance at the output for the two reference models.
Figure 12. Reference Model 1 (652nspp)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com