Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4L Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # PCM4L
Description  PTP Clock Manager for Linux
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PCM4L Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button PCM4L Datasheet HTML 20Page - Renesas Technology Corp PCM4L Datasheet HTML 21Page - Renesas Technology Corp PCM4L Datasheet HTML 22Page - Renesas Technology Corp PCM4L Datasheet HTML 23Page - Renesas Technology Corp PCM4L Datasheet HTML 24Page - Renesas Technology Corp PCM4L Datasheet HTML 25Page - Renesas Technology Corp PCM4L Datasheet HTML 26Page - Renesas Technology Corp PCM4L Datasheet HTML 27Page - Renesas Technology Corp PCM4L Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
R31DS0087EU0101 Rev.1.01
Page 24
Sep.28.21
pcm4l Datasheet
To run a command, enter the command code and follow the prompt message. The following example shows “Set
Holdover Type” (command code 05) and “Get Holdover Type” (command code 04) command:
>06
Set Holdover Type:
Holdover Type? (Software = 0, 1 = Hardware): 0
Sending Command 6, E_cmnMngApi_SetHoldoverType
Waiting for response from server
Server responded with command 6, E_cmnMngApi_SetHoldoverType
>05
Get Holdover Type:
Sending Command 5, E_cmnMngApi_GetHoldoverType
Waiting for response from server
Server responded with command 5, E_cmnMngApi_GetHoldoverType
The Holdover Type is Software
>
5. ITU-T Equipment Clock Compliances
The following performance results use ptp4l as the PTP protocol stack along with pcm4l. All tests were completed
with Paragon-NEO, unless otherwise stated.
5.1 Noise Generation
Table 13. Noise Generation[1]
1. Measured on Xilinx ZCU111 + ClockMatrix 8A34001E FMC running pcm4l v4.1 and ptp4l v3.0.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Unit
max|TEL|
Maximum absolute time error low-
pass filtered[2]
2. Measured under constant temperature (within ±1 K) and using a first-order low-pass measurement filter with a bandwidth of 0.1Hz for a
minimum of 10,000 seconds.
WritePhase mode
(with physical layer
assistance per G.8273.2)
-
3.7
5[3]
3. ITU-T G.8273.2 Class D.
ns
AdaptiveTime mode (no
physical layer
assistance)[4]
4. Using an ITU-T G.8263 compliant oscillator.See AN-807 Recommended Crystal Oscillators for Network Synchronization
-
47
-[5]
5. Still for further study at ITU-T.
ns
AssistedTime mode (with
local time reference)[6]
6. Locked to local time reference source (GNSS).
-
8
-[5]
ns
dTEL
Dynamic time error low-
pass filtered noise
generation[2]
MTIE
WritePhase mode
(with physical layer
assistance per G.8273.2)
-
0.24
3[7]
7. Provisional G.8273.2 Class D.
nspp
TDEV
-
0.04
1[7]
ns
Peak-
to-Peak
AdaptiveTime mode (no
physical layer
assistance)[4]
-
92
200
ns
Peak-
to-Peak
AssistedTime mode
(with local time
reference)[6]
-
6.3
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com