Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4L Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # PCM4L
Description  PTP Clock Manager for Linux
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PCM4L Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button PCM4L Datasheet HTML 13Page - Renesas Technology Corp PCM4L Datasheet HTML 14Page - Renesas Technology Corp PCM4L Datasheet HTML 15Page - Renesas Technology Corp PCM4L Datasheet HTML 16Page - Renesas Technology Corp PCM4L Datasheet HTML 17Page - Renesas Technology Corp PCM4L Datasheet HTML 18Page - Renesas Technology Corp PCM4L Datasheet HTML 19Page - Renesas Technology Corp PCM4L Datasheet HTML 20Page - Renesas Technology Corp PCM4L Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
R31DS0087EU0101 Rev.1.01
Page 17
Sep.28.21
pcm4l Datasheet
The master can be unlocked by calling mngApi_SetG82651MasterLockoutEnable with the corresponding
instance number and lockoutEnable set to E_osFalse.
The lock acquisition timer is configured by the JSON parameter qualificationTimeoutSeconds.
3. Start-up System Configuration
This section describes the format and method of configuring PCM application start-up. This includes details on the
configuration file format, configuration file verification, configuration file processing, and information about the
configuration parameters themselves.
3.1 The JavaScript Object Notation (JSON)
Renesas uses the JavaScript Object Notation (JSON) text notation to configure the pcm4l. JSON is a text based,
lightweight data interchange format. The JSON configuration file contains a set of configurable parameters that
provides the user with the flexibility to configure the operation of their 1588 implementation.
The JSON Configuration file and associated scripts, files and tools can be found in the idtBuild\idtConfig\ directory.
3.1.1
JSON Configuration File
The JSON configuration file is provided in ASCII formatted text, and can be easily edited using any text editor. A
JSON formatted file is recognizable by the .json file type. The JSON configuration file conventions are as follows:
▪ The JSON array starts with ‘[‘ (left bracket) and ends with ‘]’ (right bracket).
▪ A JSON object consists of an unordered set of name/value pairs. The JSON object starts with ‘{‘ (left brace) and
ends with ‘}’ (right brace).
▪ Each name is separated from its value by a ‘:’ (colon) and the name/value pairs are separated by a ‘,’ (comma).
▪ The name is represented by a “string” while the value can be represented by a string in double quotes, a
number, another JSON object, a JSON array or a true, false or null keyword.
▪ The JSON object name “_description_” is used for comments and the value is not used.
3.2 General Configuration Parameters
The following configuration parameters can be specified in the JSON Configuration file. Default values are
populated for any configuration item not present in the JSON configuration file.
Table 2. Top-Level Configuration Parameters
JSON Identifier
Default
Description
versionId
“4.0”
Identifies the version of software that the configuration file is compatible with.
Every configuration file must indicate the version of software the configuration
file corresponds to. This field should not be changed unless migrating a
configuration file from one version of software to another.
testModeEnable
0
Test mode. When test mode is enabled, data validation errors are ignored.
0 = Disabled, errors flagged and application exits.
1 = Enabled, errors flagged and application continues.
referenceTrackerType
“AdaptiveTime” Selects the type of reference tracker to be used by the application (see
Reference Trackers (RTs)).
▪ “AdaptiveFrequency”: See Assisted Time Reference Tracker.
▪ “AdaptiveTime”: See Adaptive Time Reference Tracker.
▪ “WritePhase”: See Write Phase Reference Tracker
mgmtIpAddress
“127.0.0.1”
IPv4 address used by the application management interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com