Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4L Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # PCM4L
Description  PTP Clock Manager for Linux
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PCM4L Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button PCM4L Datasheet HTML 16Page - Renesas Technology Corp PCM4L Datasheet HTML 17Page - Renesas Technology Corp PCM4L Datasheet HTML 18Page - Renesas Technology Corp PCM4L Datasheet HTML 19Page - Renesas Technology Corp PCM4L Datasheet HTML 20Page - Renesas Technology Corp PCM4L Datasheet HTML 21Page - Renesas Technology Corp PCM4L Datasheet HTML 22Page - Renesas Technology Corp PCM4L Datasheet HTML 23Page - Renesas Technology Corp PCM4L Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
R31DS0087EU0101 Rev.1.01
Page 20
Sep.28.21
pcm4l Datasheet
Table 7. Logger Configuration Parameters
JSON Identifier
Default
Description
timestampType
“System”
A timestamp is prepended to each log message and this parameter defines the
timestamp format: System time or PTP time.
System: Example 2015-07-14 20:52:14 239473000 ns
PTP: Example 1417633572.249532048000
stdoutLog
N/A
See Table 8.
logFileN
N/A
“N” represents a log instance. See Table 9.
syslog
N/A
See Table 10.
Table 8. STDOUT Log Configuration Parameters
JSON Identifier
Default
Description
selectionMask
N/A
16-bit string bitfield to indicate type of messages to display.
Starting from the right, Bit#0:
bit#0 = Sync Error
bit#1 = Sync Warning
bit#2 = Sync Analysis
bit#3 = Error
bit#4 = Warning
bit#5 = Debug
bit#6 = Reserved
bit#7 = Timestamp
Table 9. Log File Configuration Parameters
JSON Identifier
Default
Description
enable
1
This parameter is used to enable/disable this log instance.
0 = File logging disabled
1 = File logging enabled
fileName
N/A
The name of the log file as a string of characters.
Valid values: Maximum of 179 characters file name.
selectionMask
N/A
Mask is a 16-bit bitfield representing the message severity levels; same as for
STDOUT.
purge
1
This boolean indicates whether the log history should be deleted or not.
0 = Append log messages to existing file.
1 = Discard the log history before logging
maxFileSize
1000000
Maximum File Size is the maximum size in number of bytes for this log file.
Valid values: Number of bytes before log file is archived. (Max. 16 gigabytes).
archives
2
Archives represents the maximum number of file archives used by this log
instance.
Valid values: {0 - 255}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com