Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4L Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # PCM4L
Description  PTP Clock Manager for Linux
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PCM4L Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button PCM4L Datasheet HTML 8Page - Renesas Technology Corp PCM4L Datasheet HTML 9Page - Renesas Technology Corp PCM4L Datasheet HTML 10Page - Renesas Technology Corp PCM4L Datasheet HTML 11Page - Renesas Technology Corp PCM4L Datasheet HTML 12Page - Renesas Technology Corp PCM4L Datasheet HTML 13Page - Renesas Technology Corp PCM4L Datasheet HTML 14Page - Renesas Technology Corp PCM4L Datasheet HTML 15Page - Renesas Technology Corp PCM4L Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
R31DS0087EU0101 Rev.1.01
Page 12
Sep.28.21
pcm4l Datasheet
reference tracker will stay in this stage until it is reset by the reference tracker supervisor, or a large frequency
or ToD offset is detected. If one of these events happens, the Assisted Time Reference Tracker will signal the
reference tracker supervisor that the lock state is lost and will then transfer to the “Stage 1: Idle Stage.”
▪
Stage 3: PTP Calibration Stage. In this stage, the Assisted Time Reference Tracker is in calibration mode, and
PTP corrections are disabled. The APTS supervisor is locked to the local time reference source and provides
phase and frequency corrections. A calibration engine collects information from the APTS supervisor to remove
any asymmetry to the PTP clock source.
▪
Stage 4: PTP Assisted Holdover Stage. In this stage, the Assisted Time Reference Tracker runs like an
adaptive PLL with asymmetry compensation enabled. It analyzes PDV statistics, compensates for asymmetry,
collects enough time stamps, makes a ToD offset estimation, and requests a frequency correction. The
reference tracker will stay in this stage until:
• The local time reference is re-qualified and locked. If this event happens, the Assisted Time Reference
Tracker will then return to the “Stage 3: PTP Calibration Stage” once lock is achieved.
• The calibration timer expires, or a reroute is detected. If one of these events happens, the Assisted Time
Reference Tracker will then transfer to “Stage 2: PTP Out of Specification Stage.”
• It is reset by reference tracker supervisor, or a large frequency or ToD offset is detected. If one of these
events happens, the Assisted Time Reference Tracker will signal the reference tracker supervisor that the
lock state is lost and will then transfer to “Stage 1 - Idle Stage.”
2.1.4
Adaptive Frequency Reference Tracker
The Adaptive Frequency Reference Tracker is designed to be used in networks where the PDV is large and the
main goal is to synchronize the frequency between the master and the slave. Similar to the Adaptive Time
Reference Tracker, it periodically analyzes the PDV statistics, and based on the PDV analysis results, the tracker
calculates the required time to collect the timestamps in order to achieve the target frequency synchronizing
accuracy. After collecting the timestamps, the Adaptive Frequency Reference Tracker selects a frequency
estimation algorithm based on the PDV analysis. The frequency offset is then estimated and the local oscillator
correction requests will be sent to the reference tracker supervisor to apply the frequency corrections.
The same outlier filter as Adaptive Time Reference Tracker is used.
The Adaptive Frequency Reference Tracker has three stages when it starts tracking a master clock or after it has
been reset by the RTS:
▪
Stage 1: Rough Time And Frequency Correction Stage. This stage takes 10 seconds or less depending on
the configuration setting. In this stage, the Adaptive Frequency reference Tracker makes a rough time
estimation and sends a phase correction request to the reference tracker supervisor. If a frequency correction is
configured, a rough frequency estimation is performed and a frequency correction request will be sent to the
supervisor as well. Then, the Adaptive Frequency Reference Tracker enters Stage 2.
▪
Stage 2: High Precision Frequency Correction Stage. This stage takes roughly one minute to several
minutes to do a frequency correction, depending on the PDV statistics. The maximum time spent in this stage is
determined by highPrecisionFrequencyCorrectionTimeMinutes. The tracker analyzes the PDV and determines
how long it needs to collect the time stamps. After collecting the required time stamps, the reference tracker will
perform a high precision frequency estimation. A frequency correction request will be sent to the reference
tracker supervisor. After this correction, the local clock should be synchronized in frequency with the master
clock. The Adaptive Frequency Reference Tracker then transfers to Stage 3.
▪
Stage 3: Frequency Correction Stage. In this stage, the Adaptive Frequency Reference Tracker continues
periodically analyzing PDV statistics, collects enough time stamps, makes a frequency offset estimation, and
requests a frequency correction to the reference tracker supervisor. The reference tracker will stay in this stage
until it is reset by the reference tracker supervisor, or a large frequency offset is detected. If one of these events
occurs, the Adaptive Frequency Reference Tracker will signal the reference tracker supervisor lost lock state
and will then transfer to the Stage 2 - High Precision Frequency Correction Stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com