Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4L Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PCM4L
Description  PTP Clock Manager for Linux
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PCM4L Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PCM4L Datasheet HTML 5Page - Renesas Technology Corp PCM4L Datasheet HTML 6Page - Renesas Technology Corp PCM4L Datasheet HTML 7Page - Renesas Technology Corp PCM4L Datasheet HTML 8Page - Renesas Technology Corp PCM4L Datasheet HTML 9Page - Renesas Technology Corp PCM4L Datasheet HTML 10Page - Renesas Technology Corp PCM4L Datasheet HTML 11Page - Renesas Technology Corp PCM4L Datasheet HTML 12Page - Renesas Technology Corp PCM4L Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
R31DS0087EU0101 Rev.1.01
Page 9
Sep.28.21
pcm4l Datasheet
Figure 3. Directory Structure
Once a grandmaster (GM) connection has been established, the pcm4l will assign a reference tracker for that GM.
The reference tracker supervisor will manage all reference trackers and maintain the local clock state machine.
The following sections provide more details about each of these blocks.
2.1 Reference Trackers (RTs)
A reference tracker tracks a remote master clock by analyzing the time stamp pairs [T1, T2] from the forward link
and [T3, T4] from the reverse link. It analyzes the statistics of the time stamps, estimates the frequency and time
offset of the local clock compared to the remote master clock, and requests local oscillator corrections through the
reference tracker supervisor. There could be multiple reference trackers running at the same time, but only one
reference tracker is the active tracker and only the local oscillator correction request from this active tracker will be
granted by the reference tracker supervisor.
As described earlier, there are a number of clock recovery techniques that can be used to recover a packet-based
clock. The pcm4l software focuses on linear and adaptive. Linear will be used for 1588 Profiles that negate the
effects of PDV noise (i.e., by using BCs/TCs throughout the network). Adaptive will be used for 1588 Profiles that
require packet measurement data analysis, where packet selection (i.e., outlier detection) is an important
component to the analysis. In other words, in order to reduce the input PDV noise, only a subset of the received
timing packets are used by the filter. The ITU-T has done a lot of work around determining “suitable PDV” for
adaptive clock recover (both for frequency and time); more information is located in Appendix I of ITU-T G.8260.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com