Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4L Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # PCM4L
Description  PTP Clock Manager for Linux
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PCM4L Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button PCM4L Datasheet HTML 18Page - Renesas Technology Corp PCM4L Datasheet HTML 19Page - Renesas Technology Corp PCM4L Datasheet HTML 20Page - Renesas Technology Corp PCM4L Datasheet HTML 21Page - Renesas Technology Corp PCM4L Datasheet HTML 22Page - Renesas Technology Corp PCM4L Datasheet HTML 23Page - Renesas Technology Corp PCM4L Datasheet HTML 24Page - Renesas Technology Corp PCM4L Datasheet HTML 25Page - Renesas Technology Corp PCM4L Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
R31DS0087EU0101 Rev.1.01
Page 22
Sep.28.21
pcm4l Datasheet
rerouteFloorDelayThreshold
Seconds
0.000002
This threshold is used to detect floor delay changes in the network.
Valid values: A positive value expressed in seconds.
rerouteAbnormalTodChange
Ppb
20
This threshold in nanoseconds per second is used to detect fast variations of
ToD.
Valid values: A positive value expressed in nanoseconds per second.
highPrecisionFrequencyCorr
ectionTimeMinutes
6
This parameter specifies the duration in minutes needed for high precision
frequency estimation.
Valid values: {0 - 200} minutes
pdvThreshold
N/A
This group includes parameters that are used to determine PTSF unusable
based on the log variance of the PDV in downlink and uplink direction. If the log
variance exceeds the PDV threshold, PTSF unusable is set.
downlink {-100 - 0} Log Variance
uplink {-100 - 0} Log Variance
pdvThresholdExceededHyst
eresis
N/A
Once the PDV threshold is exceeded and PTSF is declared unusable, the PDV
log variance must cross below the PDV Threshold minus this group’s value.
downlink {0 - 10} Log Variance
uplink {0 - 10} Log Variance
snapTransitionTimestamps
4
Number of time stamps that are not usable after a phase (ToD) snap.
Valid values: {0 - 100} Time Stamps
dcoLoopFilter
N/A
This group includes the configuration parameters for the DCO (digital controlled
oscillator) Loop Filter:
Minimum Response Time Seconds is the target duration (in seconds) for the
DCO filter to bring the Time of Day offset back to zero, if the PDV conditions
permit.
Maximum FFO Correction is the absolute value of the maximum allowed FFO
(fractional frequency offset) correction that the proportional branch of the loop
filter can apply to the DCO.
Integral Branch Gain is the gain of the integral branch of the PL loop filter
relative to the proportional branch.
Bandwidth Scalar is the DCO loop filter bandwidth scalar value.
minResponseTimeSeconds {20 - 200} seconds
maxFfoCorrection {1 - 10} parts-per-billion
integralBranchGain {0.0 - 1.0} Gain
bandwidthScalar {0.2 - 2.0} Bandwidth Scalar Value
desiredPrecisionSeconds
0.0000001
Sets the target precision of the ToD offset estimation.
Valid values: {0.000000020 - 0.000000200} Precision in seconds
frequencyLockThresholdPpb
10.0
This is the absolute value of the frequency offset threshold below which the
Frequency Lock is achieved. It is expressed in parts-per-billion.
timeLockThresholdNanosec
onds
1000
This is the absolute value of the ToD offset threshold below which the Time Lock
is achieved. It is expressed in nanoseconds.
ffoSlopeLimitPpbPerSecond
-1.0
Configures whether a frequency slope limit is applied to the desired FFO
correction.
-1 = No limit
{X}: Apply X ppb/s limit on any FFO correction
writePhasePostSnapDelayS
econds
0
This can be used to avoid snap collisions after a time adjustment has been
made to the clock. This allows for the timestamper(s) to settle before using
ingress/egress timestamps.
Table 12. Reference Tracker Configuration Parameters (Cont.)
JSON Identifier
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com