Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4L Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # PCM4L
Description  PTP Clock Manager for Linux
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PCM4L Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button PCM4L Datasheet HTML 19Page - Renesas Technology Corp PCM4L Datasheet HTML 20Page - Renesas Technology Corp PCM4L Datasheet HTML 21Page - Renesas Technology Corp PCM4L Datasheet HTML 22Page - Renesas Technology Corp PCM4L Datasheet HTML 23Page - Renesas Technology Corp PCM4L Datasheet HTML 24Page - Renesas Technology Corp PCM4L Datasheet HTML 25Page - Renesas Technology Corp PCM4L Datasheet HTML 26Page - Renesas Technology Corp PCM4L Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
R31DS0087EU0101 Rev.1.01
Page 23
Sep.28.21
pcm4l Datasheet
4. PTP Clock Manager Management
4.1 Management APIs
The Renesas servo management API reference describes all C functions, types and definitions of the application
programming interface to access and configure the Renesas servo software. Complete details can be found in
“Servo Management API” of the PCM4L Reference Manual.
However, pcm4l is meant to be a stand-alone, user-space application. For this reason, it is recommend to refer to
the provided Management CLI Utility. The management interface's server IP address is configurable through
JSON parameter: mgmtIpAddress.
4.2 Management CLI Utility
The Renesas PTP Clock Manager software includes a command line interface (CLI) utility for management. It
provides an interactive interface for user to enter management command code and displays the response from
server.
The CLI executable is compiled as “cliClient”. It has the following syntax:
cliClient <server IP address> <server port number>
After CLI successfully connects to the server, type “help” from the command prompt to display all the supported
management codes. To see help text for each individual command, type “help <command code>”:
>help 05
Get the Holdover Type: Software or Hardware
>help 06
Set the Holdover Type: Software = 0, else Hardware
minOutlierThresholdNanose
conds
100
Any offset from master calculation determined to be greater than this in
nanoseconds will be identified as an outlier.
minOutlierCountThreshold
16
Number of sequential outliers before discarding phase offset adjustments.
Table 12. Reference Tracker Configuration Parameters (Cont.)
JSON Identifier
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com