Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4L Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PCM4L
Description  PTP Clock Manager for Linux
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PCM4L Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PCM4L Datasheet HTML 9Page - Renesas Technology Corp PCM4L Datasheet HTML 10Page - Renesas Technology Corp PCM4L Datasheet HTML 11Page - Renesas Technology Corp PCM4L Datasheet HTML 12Page - Renesas Technology Corp PCM4L Datasheet HTML 13Page - Renesas Technology Corp PCM4L Datasheet HTML 14Page - Renesas Technology Corp PCM4L Datasheet HTML 15Page - Renesas Technology Corp PCM4L Datasheet HTML 16Page - Renesas Technology Corp PCM4L Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
R31DS0087EU0101 Rev.1.01
Page 13
Sep.28.21
pcm4l Datasheet
2.1.5
Programmable Loop Filter
Each ReferenceTacker has a programmable Proportional + Integrator (PI) loop filter that is used with the Adaptive
Time and Adaptive Frequency modes. It provides access to the Minimum Response Time, Maximum FFO
Correction, Integral Branch Gain, and Bandwidth Scalar. Generally, these should be left at their defaults because
they are optimized for G.8261 and G.8271.2 networks when using the Adaptive Reference Tracker(s).
▪
Minimum Response Time Seconds, dcoLoopFilter.minResponseTimeSeconds, is the target duration (in
seconds) for the DCO filter to bring the Time of Day offset back to zero, if the PDV conditions permit.
▪
Maximum FFO Correction, dcoLoopFilter.maxFfoCorrection, is the absolute value of the maximum allowed
FFO (fractional frequency offset) correction that the proportional branch of the loop filter can apply to the DCO.
It can also be equated to a phase slope limit (PSL) in ns/s.
▪
Integral Branch Gain, dcoLoopFilter.integralBranchGain, is the gain of the integral branch of the loop filter
relative to the proportional branch.
▪
Bandwidth Scalar, dcoLoopFilter.bandwidthScalar, is the DCO loop filter bandwidth scalar value.
For more information on usage, please contact Renesas.
2.2 Reference Tracker Supervisor (RTS)
The RTS manages the switching between RTs. This includes concepts like hitless switching, revertive and non-
revertive switching, and phase slope limiting. The use of multiple RTs is generally for Profiles that support multiple
GM instances to run in parallel, such as ITU-T G.8265.1 Profile, or that support alternate master monitoring, such
as ITU-T G.8275.2 Profile.
When using with a PTP stack that supports multiple OC instances, a Master Selection Algorithm (MSA) is
available to take advantage of additional G.8265 features, such as Wait-to-Restore and Master Lock-out.
2.2.1
Hitless Reference Switching
The hitless reference switching feature is configured in the JSON configuration file. Setting the value of
“ptpPacketReferenceSwitch.referenceSwitchType” to “Hitless” will enable this feature. When a reference switch
between RTs is triggered, the time offset of the selected/target master against the slave is measured. The servo
then automatically compensates for this offset, so the phase transient at the clock outputs can be minimized when
servo switches to another RT.
In order for hitless reference switching to work, the following conditions must be met:
▪ The slave time offset to the target master must be within the time lock threshold,
timeLockThresholdNanoseconds (i.e., in the time locked state).
▪ The slave frequency offset to target master must be within frequency lock threshold,
frequencyLockThresholdPpb (i.e., in the frequency locked state).
When all three conditions are satisfied, the servo will estimate the offset to the target master at the time of the
reference switch, and this offset will be compensated at the clock output. The compensated offset, if any, at the
original RT will be automatically cleared when the servo switches away from it.
An option to clear any absorbed phase offset can be triggered by calling the management API
mngApi_HitlessSwitchTieReset. When this API function is called, the servo will remove any phase offset
compensation and start to track the master at zero phase offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com