Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4L Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PCM4L
Description  PTP Clock Manager for Linux
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PCM4L Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PCM4L Datasheet HTML 6Page - Renesas Technology Corp PCM4L Datasheet HTML 7Page - Renesas Technology Corp PCM4L Datasheet HTML 8Page - Renesas Technology Corp PCM4L Datasheet HTML 9Page - Renesas Technology Corp PCM4L Datasheet HTML 10Page - Renesas Technology Corp PCM4L Datasheet HTML 11Page - Renesas Technology Corp PCM4L Datasheet HTML 12Page - Renesas Technology Corp PCM4L Datasheet HTML 13Page - Renesas Technology Corp PCM4L Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
R31DS0087EU0101 Rev.1.01
Page 10
Sep.28.21
pcm4l Datasheet
Depending on the target equipment clock recommendation, one of the four reference tracker operating modes are
selected: Write Phase, Adaptive Time, Assisted Time, or Adaptive Frequency, and are described in this section.
The determination of which tracker mode to use will depend on the target equipment clock recommendation.
For frequency synchronization using the ITU-T G.8265.1 Profile, the Adaptive Frequency Reference Tracker
would be used. This is designed to meet ITU-T G.8263 (PEC-S-F) for the limits defined for case 3 in clause 7.2.2
of ITU-T G.8261.1 of <16ppb. Additionally, the Adaptive Time Reference Tracker would be used for the limits
defined for case 1 or 2 in clause 7.2.2 of G.8263.
For phase/time synchronization using the ITU-T G.8275.1 Profile, the Write Phase Reference Tracker would be
used. This will use the PTP Hardware Clock (PHC) adjust phase control and the Renesas network timing device’s
hardware filter to meet ITU-T G.8273.2 for telecom boundary clocks and telecom time slave clocks. Frequency
assistance would come from the co-located EEC1/eSEC, which is again supported by the Renesas network
timing device using our patented Combo mode, which provides the band-pass filtered noise transfer as defined in
clause 7.3.2 of ITU-T G.8273.2 for Class A/B and in clause 7.3.3 Class C/D.
For phase/time synchronization using the ITU-T G.8275.2 Profile, either the Adaptive Time Reference Tracker or
Assisted Time Reference Tracker would be used. These are designed to meet ITU-T G.8273.4 for telecom
boundary clocks and telecom time slave clocks for use with partial timing support or assisted partial timing support
from the network.
2.1.1
Write Phase Reference Tracker
A Write Phase Reference Tracker is used to track a master in a 1588-aware network, where the packet delay
variation (PDV) is small. A Write Phase Reference Tracker uses the Renesas hardware digital loop filter. A
software outlier filter is implemented to improve the reference tracking performance.
The update rate to the hardware loop filter is based on the Sync update rate (e.g., per the ITU-T G.8275.1 Profile,
this is 16 packets-per-second (pps)). The hardware loop filter must be set to a bandwidth in the range of 0.05Hz
and 0.1Hz, per ITU-T G.8273.2. For other profiles, the bandwidth should be set to about 1/50th of the Sync packet
rate (e.g., for the IEEE 1588 Default profile at 1pps, it would be 0.02Hz, or lower).
The outlier filter is implemented in software to improve the Write Phase Reference Tracker performance. If a
detected phase offset is off the mean value by the minimum outlier threshold, minOutlierThresholdNanoseconds
for consecutive outlier count threshold, minOutlierCountThreshold, the detected phase offset is declared as an
outlier and will not be written the DCO device. The phase offset statistics, the mean, and the standard deviation,
are updated by the Write Phase Reference Tracker on every transaction.
The Write Phase Reference Tracker has four stages when it starts tracking a master clock or after it has been
reset by the RTS:
▪
Stage 1: Snapping Stage. Upon entering this first tracking stage, the Write Phase Reference Tracker
estimates the local clock initial time offset and requests a phase snap if the offset is bigger than a threshold.
After this phase snap, the local clock will be close to the master clock. The reference tracker then switches to
use the PTP Hardware Clock (PHC) adjphase API.
▪
Stage 2: Converging Stage. Starting from this stage until the last stage, the Write Phase Reference Tracker
writes the phase offset to the adjphase API when a forward link or reverse link time stamp pair is received. This
stage takes about one minute to allow the local clock to converge to the master clock.
▪
Stage 3: Statistics Collecting Stage. At this stage, the tracker performs: collecting PDV statistics for outlier
filter; writing phase offset to adjphase API; detecting and reporting locked/un-locked states to reference tracker
supervisor. This stage takes 1 minute in 16 pps or higher packet rate. It will take longer time if the packet rate is
lower than 16 pps.
▪
Stage 4: Tracking Stage. At this stage, the tracker updates the PDV statistics and checks for outliers. For time
stamp pairs that are not outliers, the tracker writes the phase offset to the adjphase API and updates the state
(locked/unlocked) to reference tracker supervisor. The Write Phase Reference Tracker remains in this stage
until it is reset by the reference tracker supervisor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com