Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4L Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # PCM4L
Description  PTP Clock Manager for Linux
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PCM4L Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button PCM4L Datasheet HTML 17Page - Renesas Technology Corp PCM4L Datasheet HTML 18Page - Renesas Technology Corp PCM4L Datasheet HTML 19Page - Renesas Technology Corp PCM4L Datasheet HTML 20Page - Renesas Technology Corp PCM4L Datasheet HTML 21Page - Renesas Technology Corp PCM4L Datasheet HTML 22Page - Renesas Technology Corp PCM4L Datasheet HTML 23Page - Renesas Technology Corp PCM4L Datasheet HTML 24Page - Renesas Technology Corp PCM4L Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
R31DS0087EU0101 Rev.1.01
Page 21
Sep.28.21
pcm4l Datasheet
Table 10. Sys Log File Configuration Parameters
JSON Identifier
Default
Description
enable
1
This parameter is used to enable/disable forwarding log messages to an UDP
socket.
0 = Sys log disabled
1 = Sys log enabled
selectionMask
N/A
Mask is a 16-bit bitfield representing the message severity levels; same as for
STDOUT (see Table 8).
ipAddress
“10.64.10.45”
Destination IPv4 address.
udpPort
514
UDP port number.
Valid values: {0 - 65535}
Table 11. Reference Tracker Instance Configuration Parameters
JSON Identifier
Default
Description
instanceEnable
1
This parameter is used to enable/disable this particular reference tracker
instance.
trackerConfig
N/A
See Table 12.
Table 12. Reference Tracker Configuration Parameters
JSON Identifier
Default
Description
floorDelayEstimateSeconds
-1.0
The Floor Delay Estimate is a network latency estimate for an arbitrary delay
set/used by the servo. By tuning this configuration parameter for the 1588
implementation, faster lock times can be achieved.
Valid values: {-1.0 - 1.0} second; -1.0 means to have the tracker automatically
determine.
willCorrectFrequencyAtFirst
Snap
0
Provides the option to use the initial FFO estimation to correct local oscillator
FFO.
0 = Do not correct
1 = Correct; recommended (as of v4.0.1) for Write Phase mode to fast lock to
the GM
minExpProportionForMinTra
cking
0.12
Sets the minimal proportion of the exponentially distributed component required
for PDV minimal value tracking.
Valid values: {0.00 - 1.00}
stationarityBounds
N/A
This group includes the stationarity score bounds. Based on these values, the
servo decides whether the PDV is stationary or not.
measure1Lower {0.10 - 1.00} Stationarity Score
measure1Upper {1.0 - 10.0} Stationarity Score
measure2Upper {0 - 500} Skew Limit
maxNumberOfPhaseSnap
1
Sets the maximum number of phase snaps after initial acquisition is finished.
Valid values: {0 - 5} Phase snaps
doubleDcoThresholdNanose
conds
600
The threshold in nanoseconds to start an open-loop pull-in for phase correction.
Valid values: {200 - 1000000} Nanoseconds
phaseSnapThresholdSeconds
0.00001
The threshold in seconds for snap phase correction. This will depend on the
accuracy of the timestamper’s adjphase for relative time adjustment.
Valid values: {0.000003 - 0.000100} Seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com