Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6821 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM6821 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
1. Pin Description for EM6821
Chip
TQFP
52
DIL
64
Signal Name
Function
Remarks
1
1
10
VL1
Voltage multiplier level 1
LCD level 1 input, if external
supply selected
2
2
11
VL2
Voltage multiplier level 2
LCD level 2 input, if external
supply selected
3
3
12
VL3
Voltage multiplier level 3
LCD level 3 input, if external
supply selected
4
4
13
COM[1]
LCD back plane 1
5
5
14
COM[2]
LCD back plane 2
6
6
15
COM[3]
LCD back plane 3
7
7
16
COM[4]
LCD back plane 4
Not used if 3 times multiplexed
8
8
18
SEG[20]
LCD Segment 20
9
9
19
SEG[19]
LCD Segment 19
10
10
20
SEG[18]
LCD Segment 18
11
11
21
SEG[17]
LCD Segment 17
12
12
22
SEG[16]
LCD Segment 16
13
13
23
SEG[15]
LCD Segment 15
14
14
26
SEG[14]
LCD Segment 14
15
15
27
SEG[13]
LCD Segment 13
16
16
28
SEG[12]
LCD Segment 12
17
17
29
SEG[11]
LCD Segment 11
18
18
30
SEG[10]
LCD Segment 10
19
19
31
SEG[9]
LCD Segment 9
20
20
33
SEG[8]
LCD Segment 8
21
21
34
SEG[7]
LCD Segment 7
22
22
35
SEG[6]
LCD Segment 6
23
23
36
SEG[5]
LCD Segment 5
24
24
37
SEG[4]
LCD Segment 4
25
25
38
SEG[3]
LCD Segment 3
26
26
39
SEG[2]
LCD Segment 2
27
27
42
SEG[1]
LCD Segment 1
28
28
43
Reset
Input reset terminal,
internal pull-down 15 KOhm
Main reset
29
29
44
Test
Input test terminal,
internal pull-down 15 KOhm
For EM tests only, ground 0 !
Except when needed for MFP
programming
30
30
45
PSP[0]
Input/output , open drain
serial port : SIN
parallel out terminal 0
Serial interface data in
or
parallel data[0] in/out
31
31
46
PSP[1]
Output , open drain
serial port : Ready/CS
parallel out terminal 1
Serial interface Ready CS
or
parallel data[1] in/out
32
32
47
PSP[2]
Output , open drain
serial port : SOUT
parallel out terminal 2
Serial interface data out
or
parallel data[2] in/out
33
33
49
PSP[3]
Input/output , open drain
serial port : SCLK
parallel out terminal 3
Serial interface clock I/O
or
parallel data[3] in/out
34
34
50
PB[0]
Input/output, open drain
port B terminal 0
Port B data[0] I/O or
Ck[1] output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com