Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6821 Datasheet(PDF) 42 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 42 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 46Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
42
www.emmicroelectronic.com
Any interrupt request sent by a periphery cell while the corresponding mask is not set will not be stored in the
interrupt request register. All interrupt requests are stored in their IRQxx registers depending only on their
mask setting and not on the general interrupt enable status.
Whenever the EM6821 goes into halt mode the IntEn bit is automatically set to 1, thus allowing to resume from
halt mode with an interrupt.
10.1 Interrupt Control Registers
Table 10.1.6 Register RegIRQ1
Bit
Name
Reset
R/W
Description
3
IRQPA[3]
0
R *
Port A PA[3] interrupt request
2
IRQPA[2]
0
R *
Port A PA[2] interrupt request
1
IRQPA[1]
0
R *
Port A PA[1] interrupt request
0
IRQPA[0]
0
R *
Port A PA[0] interrupt request
*; Writing of 1 clears the corresponding bit.
Table 10.1.7 Register RegIRQ2
Bit
Name
Reset
R/W
Description
3
IRQHz1
0
R *
Prescaler interrupt request
2
IRQHz32/8
0
R *
Prescaler interrupt request
1
IRQBlink
0
R *
Prescaler interrupt request
0
IRQBz
0
R *
Melody timer interrupt request
*; Writing of 1 clears the corresponding bit.
Table 10.1.8 Register RegIRQ3
Bit
Name
Reset
R/W
Description
3
IRQSerial
0
R *
Serial interrupt request
2
IRQMSC
0
R *
Millisecond counter int. request
1
IRQCount0
0
R *
Counter interrupt request
0
IRQCntComp
0
R *
Counter interrupt request
*; Writing of 1 clears the corresponding bit.
Table 10.1.9 Register RegIRQMask1
Bit
Name
Reset
R/W
Description
3
MaskIRQPA[3]
0
R/W
Port A PA[3] interrupt mask
2
MaskIRQPA[2]
0
R/W
Port A PA[2] interrupt mask
1
MaskIRQPA[1]
0
R/W
Port A PA[1] interrupt mask
0
MaskIRQPA[0]
0
R/W
Port A PA[0] interrupt mask
Interrupt is not stored if the mask bit is 0.
Table 10.1.10 Register RegIRQMask2
Bit
Name
Reset
R/W
Description
3
MaskIRQHz1
0
R/W
Prescaler interrupt mask
2
MaskIRQHz32/8
0
R/W
Prescaler interrupt mask
1
MaskIRQBlink
0
R/W
Prescaler interrupt mask
0
MaskIRQBz
0
R/W
Melody timer interrupt mask
Interrupt is not stored if the mask bit is 0.
Table 10.1.11 Register RegIRQMask3
Bit
Name
Reset
R/W
Description
3
MaskIRQSerial
0
R/W
Serial interrupt mask
2
MaskIRQMSC
0
R/W
Millisecond counter int. mask
1
MaskIRQCount0
0
R/W
Counter interrupt mask
0
MaskIRQCntComp
0
R/W
Counter interrupt mask
Interrupt is not stored if the mask bit is 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com