Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6821 Datasheet(PDF) 44 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 44 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 48Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
44
www.emmicroelectronic.com
12. Strobe Output
The Strobe output is used to indicate either the EM6821 reset condition, a write operation on port B (WritePB)
or the sleep mode. The selection is done in register RegLcdCntl1. Per default, the reset condition is output on
the Strobe terminal.
For a port B write operation the strobe signal goes high for half a system clock period. Data can be latched on
the falling edge of the strobe signal. This function is used to indicate when data on port B output terminals is
changing.
The reset signal on the Strobe output is a copy of the internal CPU reset signal. The Strobe pin remains active
high as long as the CPU gets the reset.
Both the reset condition and the port B write operation can be output simultaneously on the Strobe pin.
The strobe output select latches are reset by initial power on reset only.
Table 11.1.1. Strobe Output Selection
StrobeOutSel1
StrobeOutSel0
Strobe
Terminal
Output
0
0
System
Reset
0
1
System Reset
and
WritePB
1
0
WritePB
1
1
Sleep
12.1 Strobe Register
Table 12.1.1 Register RegLCDCntl1
Bit
Name
power on
value
R/W
Description
3
StrobeOutSel1
0
R/W
Strobe output select
2
StrobeOutSel0
0
R/W
Strobe output select
1
CkTripSel1
0
R/W
LCD multiplier clock select
0
CkTripSel0
0
R/W
LCD multiplier clock select
The CKTripSel1, CKTripSel0 values are reset with every system reset.
Figure 33 . Strobe Output
Reset, WritePB
StrobeOutSel1
StrobeOutSel0
Sleep
WritePB
Reset
3
01
2
1
0
Terminal
Strobe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com