Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6821 Datasheet(PDF) 24 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 24 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 28Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
24
www.emmicroelectronic.com
6.6.7 Reset and Sleep on Port SP
During circuit initialization, all option registers are reset by Power On Reset and therefore all pull-ups are off
and all pull-downs are on. During Sleep mode, Port SP inputs are cut-off , the circuit is in Reset State. However
the Reset State does not reset the option registers and pull-downs, if previously turned on, remain on even
during Sleep mode. After any reset the serial interface parameters are reset to : Slave mode, Start and Status
= 0, LSB first, negative edge shift , PSP[3:0] tristate.
Note : A write operation in the control registers or in the data registers while Start is high will change internal
values and may cause an error condition. The user must take care of the serial interface status before writing
internal registers. In order to read the correct values on the data registers, the shift operation must be halted
during the read accesses.
Figure 17 Shift Operation and IRQ Generation
SCLK = System Clock;
Active Edge = Neg. Edge;
Sense = MSB First
Clock Source
Shift Ck
Start
IRQ
Shift
Register
SIN
OM[1]=1, OM[0]=0 : direct data out on pos. or neg. SCLK clock edge depending on bit POSnNeg
SOUT
OM[1]=0, OM[0]=1 : Re-Synchronized on positive SCLK clock edge data out
SOUT
10010011
01001100
01
1
0
0
1
0
1
1
0
0
1
1
0
0
0
01
1
0
0
1
0
1
Figure 18. Sample Basic Serial Port Connections
optional connection
External
EM 6621
SP[2]; SOUT
SP[3]; SCLKIn
SP[0]; SIN
SP[1]; Status
Serial Data In
Serial Clock Out
Serial Data Out
Ready
External
EM 6621
SP[2]; SOUT
SP[3]; SCLKOut
SP[0]; SIN
Ready
SP[1]: Status
Serial Data In
Serial Clock In
Serial Data Out
Status Output
CS
Slave Mode
Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com