Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6821 Datasheet(PDF) 46 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 46 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 50Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
46
www.emmicroelectronic.com
14. LCD Driver
The EM6821 has a built-in Liquid Crystal Display (LCD) driver. A maximum of 80 Segments can be displayed
using the 20 Segment driver outputs (SEG[20:1) in 4:1 multiplex ,60 Segments in the case of 3:1 multiplex, and
the 4 back-planes (COM[4:1]).
The LCD driver has its own voltage regulator (1.05 Volt) and voltage multiplier to generate the driver bias
voltages VL1, VL2 and VL3 (VLCD). Using the metal1 mask the user can choose higher LCD reference
voltages. Please check with EM Marin the possible values and their impact on power consumption.
The special architecture of this LCD driver allows the user to freely specify the data and address for each
individual Segment using the interconnect metal2 mask . It therefore adapts to every possible LCD display with
a maximum of 80 independent segments. The LCD clock frequency is 256Hz. Thus the frame frequency is
256/8 Hz if 4:1 multiplex, or 256/6 if 3:1 multiplex.
Figure 35. LCD Architecture
RefLCD
LCD External
Supply
LCD Blank
Address
Bus
SEG[n]
x3
Enable
x2
x1
Voff
LCD Off
Von
MUX
Output
Switches
Voltage
Multiplier
Phase
Selection
Data
Latches
Data
Bus
Phase 1 to 4
3
4
2
1
VL1
VL2
VL3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com