Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6821 Datasheet(PDF) 52 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 52 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 56Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
52
www.emmicroelectronic.com
Register
Name
Add
Hex
Add
Dec.
Reset
Value
Read Bits
Write Bits
Remarks
b'3210
Read / Write Bits
RegMSCCntl2
61
97
0000
0: FlSec
1: IntSel
2: PA3Edge
3: DebFreqSel
0: --
1: IntSel
2: PA3Edge
3: DebFreqSel
Millisecond counter control
register 2;
1 sec flag, Interrupt
and PA3 edge select
RegMSCDataL
62
98
0000
0: BCD[0]
1: BCD[1]
2: BCD[2]
3: BCD[3]
0: -
1: -
2: -
3: -
Millisecond counter;
binary coded decimal value, low
nibble
RegMSCDataM
63
99
0000
0: BCD[4]
1: BCD[5]
2: BCD[6]
3: BCD[7]
0: -
1: -
2: -
3: -
Millisecond counter;
binary coded decimal value,
middle nibble
RegMSCDataH
64
100
0000
0: BCD[8]
1: BCD[9]
2: BCD[10]
3: BCD[11]
0: -
1: -
2: -
3: -
Millisecond counter;
binary coded decimal value,
high nibble
RegIRQMask1
65
101
0000
0: MaskIRQPA[0]
1: MaskIRQPA[1]
2: MaskIRQPA[2]
3: MaskIRQPA[3]
Port A interrupt mask;
masking active 0
RegIRQMask2
66
102
0000
0: MaskIRQBz
1: MaskIRQBlink
2: MaskIRQHz32/8
3: MaskIRQHz1
Buzzer and prescaler interrupt
mask;
masking active low
RegIRQMask3
67
103
0000
0: MaskIRQCntComp
1: MaskIRQCount0
2: MaskIRQMSC
3: MaskIRQSerial
10-bit counter, millisecond
counter, serial interrupt mask
masking active low
RegIRQ1
68
104
0000
0: IRQPA[0]
1: IRQPA[1]
2: IRQPA[2]
3:IRQPA[3]
0:RIRQPA[0]
1:RIRQPA[1]
2:RIRQPA[2]
3:RIRQPA[3]
Read: port A interrupt
Write: Reset IRQ if data bit = 1.
REgIRQ2
69
105
0000
0: IRQBz
1: IRQBlink
2: IRQHz32/8
3: IRQHz1
0:RIRQBz
1:RIRQBlink
2:RIRQHz32/8
3:RIRQHz1
Read: buzzer and prescaler IRQ
;
Write: Reset IRQ id data bit = 1
RegIRQ3
6A
106
0000
0:IRQCntComp
1: IRQCount0
2: IRQMSC
3: IRQSerial
0:RIRQCntComp
1:RIRQCount0
2:RIRQMSC
3:RIRQSerial
Read: 10-bit counter,
millisecond counter, serial
interrupt
Write: Reset IRQ if data bit =1.
RegSysCntl1
6B
107
0000
0: ChTmDis
1: SelIntFull
2: '0'
3: IntEn
0: ChTmDis
1: SelIntFull
2: Sleep
3: IntEn
System control 1
ChTmDis only usable only for
EM test modes with Test=1
RegSysCntl2
6C
108
0p00
p = POR
0: WDVal0
1: WDVal1
2: SleepEn
3: '0'
0: --
1: --
2: SleepEn
3: WDReset
System control 2;
watchdog value and periodical
reset, enable sleep mode
RegPresc
6D
109
0000
0: DebSel
1: PrIntSel
2: '0'
3: PWMOn
0: DebSel
1: PrIntSel
2: ResPresc
3: PWMOn
Prescaler control;
debouncer and prescaler
interrupt select
IXLow
6E
110
xxxx
0: IXLow[0]
1: IXLow[1]
2: IXLow[2]
3: IXLow[3]
Internal µP index
register low nibble;
for µP indexed addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com