Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6821 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM6821 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
Chip
TQFP
52
DIL
64
Signal Name
Function
Remarks
35
35
51
PB[1]
Input/output, open drain
port B terminal 1
Port B data[1] I/O or
Ck[11] output
36
36
52
PB[2]
Input/output, open drain
port B terminal 2
Port B data[2] I/O or
Ck[16] output
37
37
53
PB[3]
Input/output, open drain
port B terminal 3
Port B data[3] I/O or
PWM output
38
38
54
PA[0]
Input port A terminal 0
TestVar 1
Event counter
39
39
55
PA[1]
Input port A terminal 1
TestVar 2
40
40
58
PA[2]
Input port A terminal 2
TestVar 3
41
41
59
PA[3]
Input port A terminal 3
Event counter,
MSC start/stop control
42
42
60
Buzzer
Output Buzzer terminal
43
43
61
Strobe
Output Strobe terminal
µP reset state or/and port B
write or sleep flag out
44
44
62
Vbat = VDD
Positive power supply
MFP Connection
45
45
63
Vreg
Internal voltage regulator
Connect to minimum 100nF,
MFP connection
46
46
64
Qin/Osc1
Crystal terminal 1
32 KHz crystal, MFP connection
47
47
2
Qout /Osc2
Crystal terminal 2
32 KHz crystal, MFP connection
48
48
3
VSS
Negative power supply
ref. terminal, MFP connection
49
49
4
C2B
Voltage multiplier
Not needed if ext. supply
50
50
5
C2A
Voltage multiplier
Not needed if ext. supply
51
51
6
C1B
Voltage multiplier
Not needed if ext. supply
52
52
7
C1A
Voltage multiplier
Not needed if ext. supply
Gray shaded areas : Terminals needed for MFP programming connections (VDD, Vreg, Qin, Qout, Test).
Figure 3. Typical Configuration
Crys ta l
LC D D isp la y
C1
C1
C1
C4
C3
Vreg
V SS
Te s t
Re s e t
V DD (V bat)
SEG [2 0:1]
Q in
O o u t
C2
C2
C1 A
C1 B
C2 A
C2 B
C O M [4:1]
VL 1
VL 2
VL 3
E M 6821
A ll C apacitors 100 nF
Po rt A
Strobe
Buz z er
Po rt B
Po rt S P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com