Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6821 Datasheet(PDF) 32 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 32 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 36Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
32
www.emmicroelectronic.com
8.2 Frequency Select and Up/Down Counting
8 different input clocks can be selected to drive the Counter. The selection is done with bits CountFSel2…0 in
register RegCCntl1. 6 of this input clocks are coming from the prescaler. The maximum prescaler clock
frequency for the counter is half the system clock and the lowest is 1Hz. Therefore a complete counter roll over
can take as much as 17.07 minutes (1Hz clock, 10 bit length) or as little as 977
µs (Ck[15], 4 bit length). The
IRQCount0, generated at each roll over, can be used for time bases, measurements length definitions, input
polling, wake up from Halt mode, etc. The IRQCount0 and IRQComp are generated with the system clock
Ck[16] rising edge. IRQCount0 condition in up count mode is : reaching 3FF if 10-bit counter length (or FF, 3F,
F in 8, 6, 4-bit counter length). In down count mode the condition is reaching ‘0’. The non-selected bits are
‘don’t care’. For IRQComp refer to section 8.4.
Note:
The Prescaler
and the Microprocessor clock’s are usually non-synchronous, therefore time bases
generated are max. n, min. n-1 clock cycles long (n being the selected counter start value in count down
mode). However the prescaler clock can be synchronized with µP commands using for instance the prescaler
reset function.
The two remaining clock sources are coming from the PA[0] or PA[3] terminals. Refer to the Figure 10 on page
14 for details. Both sources can be either debounced (Ck[11] or Ck[8]) or direct inputs, the input polarity can
also be chosen. The output after the debouncer polarity selector is named PA3 , PA0 respectively.
For the
debouncer and input polarity selection refer to chapter 6.3.
In the case of port A input clock without debouncer, the counting clock frequency will be half the input clock on
port A. The counter advances on every odd numbered port A negative edge ( divided clock is high level ).
IRQCount0 and IRQComp will be generated on the rising PA3 or PA0 input clock edge. In this condition the
EM6821 is able to count with a higher clock rate as the internal system clock (Hi-Frequency Input). Maximum
port A input frequency is limited to 200kHz (@VDD
≥ 1.5 V). If higher frequencies are needed, please contact
EM-Marin.
In both, up or down count (default) mode, the counter is cyclic. The counting direction is chosen in register
RegCCntl1 bit Up/Down (default ‘0’ is down count). The counter increases or decreases its value with each
positive clock edge of the selected input clock source. Start up synchronization is necessary because one can
not always know the clock status when enabling the counter. With EvCount=0, the counter will only start on the
next positive clock edge after a previously latched negative edge, while the Start bit was already set to ‘1’. This
synchronization is done differently if event count mode (bit EvCount) is chosen. Refer also to Figure 24.
Internal Clock Synchronization.
Figure 23. Counter Clock Timing
P r es c a le r F r e q u enc ie s or D ebo un c ed P o r t A C loc k s
N o n- D e bo un c e d P o r t A C loc k s ( S y s te m C loc k In de pe nd en t)
S y s tem C loc k
P r e sca le r C lo c k
C o un ting
C o u n te r IR Q ’s
D iv ide d C loc k
S y s tem C loc k
Po r t A C lo c k
C o un ting
C o u n te r IR Q ’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com