Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6821 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 11Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
7
www.emmicroelectronic.com
3. Power Supply
The EM6821 is supplied by a single external power supply between VDD (Vbat) and VSS (Ground). A built-in
voltage regulator generates Vreg providing regulated voltage for the oscillator and the internal logic. The output
drivers are supplied directly from the external supply VDD. The internal power configuration is shown below in
Figure 5.
To supply the internal core logic it is possible to use either the internal voltage regulator (Vreg < VDD) or Vbat
directly ( Vreg = VDD). The selection is done by metal 1 mask option. By default the voltage regulator is used.
Refer to chapter 18.1.5 for the metal mask selection.
The internal voltage regulator is chosen for high voltage systems. It saves power by reducing the internal core
logic’s power supply to an optimum value. However, due to the inherent voltage drop over the regulator the
minimal VDD is restricted to 1.4 V .
A direct Vbat connection can be selected for systems running on a 1.5 V battery. The internal 1 KOhm resistor
together with the external capacitor on Vreg is filtering the VDD supply to the internal core. In this case the
minimum VDD can be as low as 1.2 V.
Figure 5. Internal Power Supply
R ef. Logic
Term inal
Vreg
T erm inal
V bat
R ef. LC D
A ll P ad
input &
output
buffers,
SV LD
C ore Logic,
LC D Logic,
O scillator
V oltage m ultiplier,
LC D outputs
M1 B
M1 A
1kO hm
MV reg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com