Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6821 Datasheet(PDF) 45 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 45 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 49Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
45
www.emmicroelectronic.com
13. RAM
The EM6821 has two 64x4 bit RAM’s built-in.
The main RAM (RAM1) is direct addressable on addresses decimal(0 to 63). A second RAM (RAM2) is indirect
addressable on addresses 64,65, 66 and 67 together with the index from RegIndexAdr.
The RAM2 addressing is indirect using the RegIndexAdr value as an offset to the directly addressed base
RAM2_0, RAM2_1 , RAM2_2 or RAM2_3 registers.
To write or read the RAM2 the user has first to set the offset value in the RegIndexAdr register. The actual
access then is made on the RAM2 base addresses RAM2_0 , RAM2_1, RAM2_2 or RAM2_3. Refer to
Figure 34. Ram Architecture, for the address mapping.
i.e. Writing hex(5) to Ram2 add location 30: First write hex(E) to RegIndexAdr, then write hex(5) to RAM2_1
RAM Extension : Unused R/W Registers can often be used as possible RAM extension. Be careful not to use
register which start, stop, or reset some functions. Unused LCD register latches can also be used as RAM
memory.
In case of 3 times multiplex and using all the 20 Segment outputs you may have five additional 4 bit registers..
Also for each unused Segment output you may have one additional 4 bit register.
Figure 34. Ram Architecture
RAM1_63
RAM1_62
RAM1_61
RAM1_60
4 bit R/W
RegIndexAdr[F]
RegIndexAdr[E]
4 bit R/W
...
...
RegIndexAdr[1]
4 bit R/W
4 bit R/W
RegIndexAdr[0]
RAM1_0
4 bit R/W
4 bit R/W
4 bit R/W
4 bit R/W
4 bit R/W
.
.
.
.
.
.
RAM1_3
RAM1_2
RAM1_1
RAM2_3
RAM2_2
RAM2_1
4 bit R/W
RAM2_0
4 bit R/W
4 bit R/W
4 bit R/W
RegIndexAdr[F]
RegIndexAdr[E]
4 bit R/W
...
...
RegIndexAdr[1]
4 bit R/W
4 bit R/W
RegIndexAdr[0]
4 bit R/W
RegIndexAdr[F]
RegIndexAdr[E]
4 bit R/W
...
...
RegIndexAdr[1]
4 bit R/W
4 bit R/W
RegIndexAdr[0]
4 bit R/W
RegIndexAdr[F]
RegIndexAdr[E]
4 bit R/W
...
...
RegIndexAdr[1]
4 bit R/W
4 bit R/W
RegIndexAdr[0]
64 x 4 indexed addressable RAM2
64 x 4 direct addressable RAM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com