Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6821 Datasheet(PDF) 22 Page - EM Microelectronic - MARIN SA

Part # EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Datasheet(HTML) 22 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 26Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
22
www.emmicroelectronic.com
For POWER SAVING one can switch off the port SP pull resistors between two read phases. No cross current
flows in the input amplifier while the port SP is not read.
This power saving feature must only be used in tristate mode (OM[0,1]=0). The recommended order is :
• switch on the pull resistor.
• allow sufficient time - RC constant - for the pull resistor to drive the line to either VSS or VDD.
• Read the port SP
• Switch off the pull resistor
Minimum time with current on the pull resistor is 4 periods of the system clock, if the RC constant is lower than
1 system clock period. Adding a NOP before reading moves the number of periods with current in the pull
resistor to 6 and the maximum RC delay to 3 clock periods.
6.6.3 Nch. Open Drain Outputs
The port SP outputs can be configured as either CMOS or Nch. open drain outputs.
In CMOS both logic ‘1’ and ‘0’ are driven out on the terminal.
In Nch. open drain only the logic ‘0’ is driven out on the terminal, the logic ‘1’ value is high impedance or
defined by the internal pull-up resistor (if existing).
6.6.4 General Functional Description
After power on or after any reset the serial interface is in serial slave mode with Start and Status set to 0, LSB
first, negative shift edge and all outputs are in high impedance state.
When the Start bit is set, the shift operation is enabled and the serial interface is ready to transmit or receive
data, eight shift operations are performed: 8 serial data values are read from the data input terminal into the
shift register and the previous loaded 8-bits are send out via the data output terminal. After the eight shift
operation, an interrupt is generated, and the Start bit is reset.
Parallel to serial conversion procedure ( master mode example ).
Write to RegSCntl1 serial control (clock freq. in master mode, edge and MSB/LSB select).
Write to RegSDataL and RegSDataH (shift out data values).
Write to RegSCntl2 (Start=1, mode select, status).
---> Starts the shift out
After the eighth clock an interrupt is generated, Start becomes low. Then, interrupt handling
Serial to parallel conversion procedure (slave mode example).
Write to RegSCntl1 (slave mode, edge and MSB/LSB select).
Write to RegSCntl2 (Start=1, mode select, status).
After eight serial clocks an interrupt is generated, Start becomes low.
Interrupt handling.
Shift register RegSDataL and RegSDataH read.
A new shift operation can be authorized.
Figure 15. CMOS or Nch. Open Drain outputs
I / O
T erm inal
SP[n]
MUX
Active Pull-up
for High State
DR[n]
Serial Interface
Output
T ristate O utput
Buffer : High
Im pedance for
Data = 1
Data
I / O
Term inal
SP[n]
MUX
DR[n]
Serial Interface
Output
Tristate O utput
Buffer : closed
Data
1
CM O S O utput
Nch. O pen Drain O utput



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com