Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 18 Page - Microsemi Corporation

Part # PD70201
Description  Power Over Ethernet 802.3af/at PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70201 Datasheet(HTML) 18 Page - Microsemi Corporation

Back Button PD70201 Datasheet HTML 12Page - Microsemi Corporation PD70201 Datasheet HTML 13Page - Microsemi Corporation PD70201 Datasheet HTML 14Page - Microsemi Corporation PD70201 Datasheet HTML 15Page - Microsemi Corporation PD70201 Datasheet HTML 16Page - Microsemi Corporation PD70201 Datasheet HTML 17Page - Microsemi Corporation PD70201 Datasheet HTML 18Page - Microsemi Corporation PD70201 Datasheet HTML 19Page - Microsemi Corporation PD70201 Datasheet HTML 20Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
_________________________________________________________________________________________________________
Copyright © 2015
Microsemi
Page 18 of 20
Rev.2.0, 17-Jan-2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70101 / PD70201
Datasheet
Package Outline Dimensions
The package is halogen free and meets RoHS2 and REACH standards.
D
E
e
A1
A
A3
L
b
D2
E2
Pin 1 ID
Top
Side
Bottom
Dim
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
0.80
1.00
0.031
0.039
A1
0
0.05
0
0.002
A3
0.20 REF
0.008 REF
b
0.18
0.30
0.007
0.012
D
5.00 BSC
0.197 BSC
D2
3.30
3.60
0.130
0.142
E
5.00 BSC
0.197 BSC
E2
3.30
3.60
0.130
0.142
e
0.50 BSC
0.02 BSC
L
0.30
0.50
0.012
0.020
Note:
1.
Dimensions do not include protrusions; these shall not
exceed
0.155mm (.006”) on any side. Lead dimension
shall not include solder coverage.
2.
Dimensions are in mm, inches are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com