Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 15 Page - Microsemi Corporation

Part # PD70201
Description  Power Over Ethernet 802.3af/at PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70201 Datasheet(HTML) 15 Page - Microsemi Corporation

Back Button PD70201 Datasheet HTML 11Page - Microsemi Corporation PD70201 Datasheet HTML 12Page - Microsemi Corporation PD70201 Datasheet HTML 13Page - Microsemi Corporation PD70201 Datasheet HTML 14Page - Microsemi Corporation PD70201 Datasheet HTML 15Page - Microsemi Corporation PD70201 Datasheet HTML 16Page - Microsemi Corporation PD70201 Datasheet HTML 17Page - Microsemi Corporation PD70201 Datasheet HTML 18Page - Microsemi Corporation PD70201 Datasheet HTML 19Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
_________________________________________________________________________________________________________
Copyright © 2015
Microsemi
Page 15 of 20
Rev.2.0, 17-Jan-2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70101 / PD70201
Datasheet
common source configuration where the MOSFET’s Source is connected to Power Source ground at VPN_IN, and
the MOSFET’s Drain is connected to application’s primary ground at VPN_OUT
Internal logic monitors VPP to VPN_IN voltage and keeps the MOSFET in a high impedance state until VPP to
VPN_IN voltage reaches turn-on threshold of 36V to 42V. Once VPP to VPN_IN voltage exceeds this threshold, the
MOSFET is switched into one of two modes.
Mode into which the MOSFET is switched is determined by the voltage developed across the MOSFET, or put
another way, the VPN_OUT to VPN_IN differential voltage. Two modes are defined below:
Isolation Switch Modes
VPN_OUT to VPN_IN
Mode
Description
≥ 0.7V
Soft Start Mode
Limits VPN_OUT current to 240mA
(typical)
≤ 0.7V
Normal Operating Mode
Limits VPN_OUT current to 1.8A
(typical)
By controlling the MOSFET current based on VPN_OUT to VPN_IN voltage, inrush currents generated by fully
discharged bulk capacitors can be limited. This method limits current to a maximum of 350mA, compliant with IEEE
802.3af/at specification.
Soft Start current limiting is required to reduce occurrences of voltage sag at the PD input during device power-up. A
comparison is shown in Figure 3.
Figure 5 · Comparison of input voltages without Soft-start (hard startup), and Soft-start (soft startup)
Once bulk capacitance has charged up to a point where VPN_OUT to VPN_IN differential voltage is less than 0.7V,
the isolation MOSFET is switched into normal operating mode with MOSFET current limit set at 1.8A (typical), to
provide overcurrent protection.
PD70101 and PD70201 ICs are different in their respective isolation MOSFET’s continuous current handling
capability:
PD70101: 450mA (max.)
PD70201: 1123mA (max.)
An adequate heatsink for the PD70101/PD70201 IC’s exposed pad must be provided to achieve these current levels
without damaging the IC.
A large, heavy copper fill area and/or a heavy ground plane with Thermal Vias are
recommended.
Internal logic monitoring VPP to VPN_IN will place the isolation switch MOSFET in a high impedance state if voltage
between VPP and VPN_IN drops below 31V to 34V.
10
20
30
40
50
60
VPD
[V]
T [ms]
Soft startup
Hard startup
Voltage sag!
DC
DC
Inrush
C
I
Slope
/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com