Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 17 Page - Microsemi Corporation

Part # PD70201
Description  Power Over Ethernet 802.3af/at PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70201 Datasheet(HTML) 17 Page - Microsemi Corporation

Back Button PD70201 Datasheet HTML 12Page - Microsemi Corporation PD70201 Datasheet HTML 13Page - Microsemi Corporation PD70201 Datasheet HTML 14Page - Microsemi Corporation PD70201 Datasheet HTML 15Page - Microsemi Corporation PD70201 Datasheet HTML 16Page - Microsemi Corporation PD70201 Datasheet HTML 17Page - Microsemi Corporation PD70201 Datasheet HTML 18Page - Microsemi Corporation PD70201 Datasheet HTML 19Page - Microsemi Corporation PD70201 Datasheet HTML 20Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
_________________________________________________________________________________________________________
Copyright © 2015
Microsemi
Page 17 of 20
Rev.2.0, 17-Jan-2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70101 / PD70201
Datasheet
For non-isolated applications, because the internal error amplifier is used to close the regulation loop, the output
reaches the regulation level when SS reaches 1.2V.
An additional internal offset is added to the FB to ensure that COMP does not reach its upper limit because of
amplifier input offset. This offset is removed (slowly to avoid overshoot) when the SS ramp is complete.
Low Power Mode is not supported during SS ramp as it is not necessary.
Current Limit and Short Circuit Protection
The DC-DC converter is a peak current mode controller; an internal current sense amplifier with a gain of 5 monitors
the voltage across an external current sense resistor and regulates the output based on the current through the
resistor. If the output of the internal current sense amplifier reaches 1.2V, the converter will truncated the PWM
output, and thus limit the output current.
If the output of the internal current sense amplifier reaches 1.8V, the controller enters hiccup mode by discharging
the SS capacitor with a constant current that equals 10% of the charging current during ramp up.
This discharge continues until VSS = 50 mV where an internal ~50
Ω MOSFET connected to SS turns on for 25 clock
cycles to ensure the SS capacitor fully discharges to GND before ramping back up and restart. The converter will
exit the hiccup mode when the over current condition is removed.
Low Power Mode Operation
The devices offer a pulse skipping operation for light load condition, referred as Low Power Mode (LPM), to improve
the efficiency of light load operation by reducing the power dissipation especially in high frequency switching. Using
an external resistor from RCLP pin to GND, the user can program the output power when the unit enters pulse
skipping.
Pulse skipping mode is disabled until SS ramp is completed, regardless of the LPM status.
Input (VPP & VCC) Under Voltage Lock Out
The PD interface circuit offers an internal PGOOD signal that can be used to start the DC-DC converter; however the
threshold of the PGOOD is fixed at VPN_OUT-VPN_IN
≤ 0.7V. This may not fit all possible applications. Therefore
the device offers an option to have a programmable UVLO which is tied to level of VPP-VPN_OUT, plus a
programmable hysteresis.
The voltage developed across a simple resistor divider is sensed at VINS, and will
enable/disable the PWM controller at a nominal 1.2V threshold. A third resistor connected between VINS and HYST
pins allows programmable hysteresis.
This feature enables the end user to tailor to any desired systems
application’s requirement for turn on and turn off time. In addition to the VPP sensing for UVLO, the devices also
have VCC UVLO to ensure that the PWM controller is always properly powered during operation. These features
provide robust solutions under various systems disturbances.
External Enable
The PD interface circuit provides an internal PGOOD signal that is used to enable the DC-DC converter when
powered by the POE input; however for applications that require input power from a wall adaptor, the internal
PGOOD signal is not functional. For these applications an external enable input is provided, allowing a non-POE
power source (such as a wall adaptor) the ability to start the DC-DC converter. The Enable pin is active high, and is
driven by a 5V maximum signal referenced to GND. When the DC-DC converter is powered by the PD interface
(POE power), the Enable pin will not disable the controller. It may be tied to ground or left floating when not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com