Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # PD70201
Description  Power Over Ethernet 802.3af/at PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70201 Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button PD70201 Datasheet HTML 3Page - Microsemi Corporation PD70201 Datasheet HTML 4Page - Microsemi Corporation PD70201 Datasheet HTML 5Page - Microsemi Corporation PD70201 Datasheet HTML 6Page - Microsemi Corporation PD70201 Datasheet HTML 7Page - Microsemi Corporation PD70201 Datasheet HTML 8Page - Microsemi Corporation PD70201 Datasheet HTML 9Page - Microsemi Corporation PD70201 Datasheet HTML 10Page - Microsemi Corporation PD70201 Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
_________________________________________________________________________________________________________
Copyright © 2015
Microsemi
Page 7 of 20
Rev.2.0, 17-Jan-2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70101 / PD70201
Datasheet
Symbol
Parameter
Test Conditions / Comment
PD70101 & PD70201
Units
Min
Typ
Max
Unless otherwise specified, the following specifications apply over the operating ambient temperature of -40
°C ≤ TA ≤ 85°C except where otherwise
noted with the following test conditions: VPP= 48V; VEN = HIGH, fs = 250 kHz. Production tests performed at 25°C. Unless otherwise specified VPP is
with respect to VPN_IN, VCC is with respect to PGND.
VSW-OFF
Isolation Switch MOSFET
switched off
30.5
34.5
V
ILIM-LOW
Startup current limit, ILIM-LOW
130
240
330
mA
VDIFF
VPN_IN to VPN_OUT Threshold
voltage for ILIM – LOW to ILIM-HIGH
switchover
When VPNIN to VPNOUT
≤ VDIFF,
Isolating switch switches over from ILIM-
LOW to ILIM-HIGH.
0.7
V
OCP
Over current protection limit
current
1500
1800
2000
mA
ILOAD
Continuous operation load
Isolating switch at ILIM-HIGH
PD70101
450
mA
PD70201
1123
SW-RDSON
Isolated Switch On resistance @
ILIM-HIGH
Total resistance between
VPNIN and VPNOUT
Isolating switch at ILIM-HIGH
0.6
Ω
DC/DC Capacitor Discharger
CIN
DC/DC input capacitance
For reference only
Guaranteed by design
(not tested in production)
220
264
µF
Discharge current
7.0V ≤ VPP to VPNOUT ≤ 30V
22.8
32
50
mA
AT_FLAG
Output low voltage
IOL = 0.75mA
0.4
V
IOL = 5mA
2.5
V
Leakage current
VAT_FLAG = 57V
1.7
µA
PGOOD
Output low voltage
IOL = 0.75mA
0.4
V
IOL MAX = 5mA
2.5
V
Leakage current
VPGOOD = 57V
1.7
µA
PD Interface Thermal Shutdown
Thermal Shutdown Temperature
1
180
200
220
°C
VAUX (respect to VPN_OUT)
VAUX-OFF
VAUX Output Voltage Off (leakage
current)
PGOOD = High impedance
Load = 1MΩ
1
V
VAUX-ON
VAUX Output Voltage On
Isolating switch at ILIM-HIGH
and PGOOD = Low
9.8
10.5
11.8
V
IVAUXP
Output Current Peak
Capacitor = 30µF
When TLOAD ≤ 5mS
Isolating switch at ILIM-HIGH
and PGOOD = Low
0
10
mA
IVAUXC
Output Continuous Current
When TLOAD ≤10mS
Isolating switch at ILIM-HIGH
and PGOOD = Low
0
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com