Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # PD70201
Description  Power Over Ethernet 802.3af/at PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70201 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button PD70201 Datasheet HTML 6Page - Microsemi Corporation PD70201 Datasheet HTML 7Page - Microsemi Corporation PD70201 Datasheet HTML 8Page - Microsemi Corporation PD70201 Datasheet HTML 9Page - Microsemi Corporation PD70201 Datasheet HTML 10Page - Microsemi Corporation PD70201 Datasheet HTML 11Page - Microsemi Corporation PD70201 Datasheet HTML 12Page - Microsemi Corporation PD70201 Datasheet HTML 13Page - Microsemi Corporation PD70201 Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
_________________________________________________________________________________________________________
Copyright © 2015
Microsemi
Page 10 of 20
Rev.2.0, 17-Jan-2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70101 / PD70201
Datasheet
Symbol
Parameter
Test Conditions / Comment
PD70101 & PD70201
Units
Min
Typ
Max
Unless otherwise specified, the following specifications apply over the operating ambient temperature of -40
°C ≤ TA ≤ 85°C except where otherwise
noted with the following test conditions: VPP= 48V; VEN = HIGH, fs = 250 kHz. Production tests performed at 25°C. Unless otherwise specified VPP is
with respect to VPN_IN, VCC is with respect to PGND.
TDEAD
Dead Time
– PG low to SG high or
SG low to PG high
CLOAD on PG and SG = 1000pF
110
ns
PG Minimum On Time
120
ns
PG Maximum Duty Cycle
44.5
50
%
Logic (ENABLE Pin)
VHI
Logic High Threshold
2.0
V
VLO
Logic Low Threshold
0.8
V
Input Current
-1
1
µA
PWM Controller Thermal Shutdown
TSD
Thermal Shutdown Threshold
1
157
°C
THYST
Threshold Hysteresis
1
15
30
Notes:
1)
Guaranteed by design
2)
Soft Start Charge Current Equation: Iss_chg = 1.2V/RFREQ
3)
Switching Frequency Equation:
������������������������ =
1
(90������������ ������������������������������)+ 150������������
where Freq is [Hz]
4)
Low Power Mode Clamp Equation: VCLAMP = 0.3 * (RRCLP/RFREQ)
5)
Min and Maximum current are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com