Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 11 Page - Microsemi Corporation

Part # PD70201
Description  Power Over Ethernet 802.3af/at PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70201 Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button PD70201 Datasheet HTML 7Page - Microsemi Corporation PD70201 Datasheet HTML 8Page - Microsemi Corporation PD70201 Datasheet HTML 9Page - Microsemi Corporation PD70201 Datasheet HTML 10Page - Microsemi Corporation PD70201 Datasheet HTML 11Page - Microsemi Corporation PD70201 Datasheet HTML 12Page - Microsemi Corporation PD70201 Datasheet HTML 13Page - Microsemi Corporation PD70201 Datasheet HTML 14Page - Microsemi Corporation PD70201 Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
_________________________________________________________________________________________________________
Copyright © 2015
Microsemi
Page 11 of 20
Rev.2.0, 17-Jan-2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70101 / PD70201
Datasheet
Functional Block Diagram
PWM
LOGIC
&
Dead
Time
Control
Soft-start
EA
PWM
COMP
CSA
Oscillator/Clock/Sync
VCC
IBLK & ILIM
ENABLE
SS
FB COMP
RFREQ
SYNC
VCCS
VL
VCC
PG
PGND
SG
CSN
5V LDO
REF
VCC UVLO
VOUT+
VOUT-
VCC
+
-
+
-
AT FLAG
VCC
Detect
Discharge
ILIM
2 Events
Detect
PGOOD
Classification
RDET
CDET
RJ-45
CONNECTOR
5V LDO
VCC
VPP
RDET
RCLASS
VPN
VPNO
AT_FLG
POK
IREF
RREF
CSP
GND
HS
5VLDO
VH
DIFF
AMP
VSP
VSN
DAO
1.2Vref
VP UVLO/
PFW
SELECT
VINS
HYST
VP UVLO
RCLP
x7
LPM
x5
PGOOD
VCC
VAUX
VAUX
VCC
58V
TVS
Figure 2 · PD70101/PD70201 Functional Block Diagram (PD70201 shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com