Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # PD70201
Description  Power Over Ethernet 802.3af/at PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70201 Datasheet(HTML) 5 Page - Microsemi Corporation

  PD70201 Datasheet HTML 1Page - Microsemi Corporation PD70201 Datasheet HTML 2Page - Microsemi Corporation PD70201 Datasheet HTML 3Page - Microsemi Corporation PD70201 Datasheet HTML 4Page - Microsemi Corporation PD70201 Datasheet HTML 5Page - Microsemi Corporation PD70201 Datasheet HTML 6Page - Microsemi Corporation PD70201 Datasheet HTML 7Page - Microsemi Corporation PD70201 Datasheet HTML 8Page - Microsemi Corporation PD70201 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
_________________________________________________________________________________________________________
Copyright © 2015
Microsemi
Page 5 of 20
Rev.2.0, 17-Jan-2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70101 / PD70201
Datasheet
Absolute Maximum Ratings
Parameter
Value
Units
VPP, RDET, VPN_OUT (with respect to VPN_IN)
-0.3V to 74
VDC
RREF, RCLASS (with respect to VPN_IN)
-0.3V to 6
V
PGOOD, AT_FLAG, VAUX (with respect to VPN_OUT)
-0.3V to 74
W
VCC (with respect to PGND)
-0.3V to 40
VDC
PG, SG (with respect to PGND)
-0.3V to 20
VDC
VL, VSN, VSP (with respect to PGND)
-0.3V to 6
V
VH (with respect to VCC)
-0.3V to VCC - 6
VDC
All Other Pins (with respect to GND)
-0.3V to VL + 0.3
VDC
ESD (HBM) Protection at all I/O pins*
± 1
kV
Maximum Junction Temperature (TJMAX)
+150
°C
Operational Ambient Temperature
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
Peak Package Solder Reflow Temperature (40 seconds maximum
exposure), MSL3
260
°C
Exceeding these ratings could cause damage to the device. All voltages are with respect to VPNIN. Currents are positive into, negative out of specified
terminal.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under
“Recommended Operating Conditions” are not implied. Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability. *All
pins except pin 2 (PGOOD) and pin 31 (VAUX). Pin 2 & 31 ESD Protection ±150V HBM
.
Thermal Properties
Thermal Resistance
Typ
Units
θJC Junction to Case
5
°C/W
θJP Junction to Pad
4
θJA Junction to Ambient
23
Note: The
Jx numbers assume no forced airflow. Junction Temperature is calculated using T
J = TA + (PD x JA). In
particular, θJA is a function of the PCB construction. The stated number above is for a four-layer board in
accordance with JESD-51 (JEDEC) with thermal vias.
Electrical Characteristics
Symbol
Parameter
Test Conditions / Comment
PD70101 & PD70201
Units
Min
Typ
Max
Unless otherwise specified, the following specifications apply over the operating ambient temperature of -40
°C ≤ TA ≤ 85°C except where otherwise
noted with the following test conditions: VPP= 48V; VEN = HIGH, fs = 250 kHz. Production tests performed at 25°C. Unless otherwise specified VPP is
with respect to VPN_IN, VCC is with respect to PGND.
PD Interface
Power Supply
VPP
Input Voltage
0
55
57
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com