Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 12 Page - Microsemi Corporation

Part # PD70201
Description  Power Over Ethernet 802.3af/at PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70201 Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button PD70201 Datasheet HTML 8Page - Microsemi Corporation PD70201 Datasheet HTML 9Page - Microsemi Corporation PD70201 Datasheet HTML 10Page - Microsemi Corporation PD70201 Datasheet HTML 11Page - Microsemi Corporation PD70201 Datasheet HTML 12Page - Microsemi Corporation PD70201 Datasheet HTML 13Page - Microsemi Corporation PD70201 Datasheet HTML 14Page - Microsemi Corporation PD70201 Datasheet HTML 15Page - Microsemi Corporation PD70201 Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
_________________________________________________________________________________________________________
Copyright © 2015
Microsemi
Page 12 of 20
Rev.2.0, 17-Jan-2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70101 / PD70201
Datasheet
Typical Applications
+
-
+
-
RJ-45
CONNECTOR
VL
SYNC
Vout+
Vout-
Vout+
Vout-
VCC
VCC
ATFLAG
BR-1
BR-2
C1
68nF/100V
C2
10uF/63V
C3
2.2uF/100V
C4
10uF
25V
C5
100pF
100V
C11
0.1uF
10V
C10
0.1uF
25V
C6
22uF
25V
C7
10uF
25V
C12
22nF
25V
C8
22uF
25V
C9
10uF
25V
C13
1uF
25V
C14
1uF/10V
C15
150nF
6.3V
C14
10nF
6.3V
R1
0.5W
R2
4.7
R3
10k
R3
24.9k
R5
0.05
R6
0
R7
R8
R9
10k
R12
24.9k
R10
95.3k
R9
39k
U3
TL431
U2
U4
R13 412k
R14
12.4k
R15
392k
R16
10k
R17
10k
L1
10uH
(EMI)
L2
0.33uH
Notes:
Freq set for 250kHz
Turn On VPP ~ 42V and Off ~ 38V
Q1
FDS2582
SI7898DP
Q3
PN3906
Q2
FDS5680
D1
1A/50V
T1: Np/Ns = 2.5, Naux/Ns =1
LNp = 18uH +/- 15%
T2
PE-68386
R18
0
R19
40.2k
R20
Np
Ns
Naux
TO
EXTERNAL
POWER
GOOD
MONITOR
TO
EXTERNAL
ENABLE
U1
PD70201
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
RDET
PGOOD
RREF
RCLASS
VPN_IN
N/C
AT_FLAG
VPN_OUT
GND
FB
DAO
COMP
VSP
VSN
24
23
22
21
20
19
18
17
VL
32
31
30
29
28
27
26
25
SG
Figure 3 · 12V2A Output Isolated Fly-back with Secondary Synchronous Rectification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com