Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # PD70201
Description  Power Over Ethernet 802.3af/at PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70201 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button PD70201 Datasheet HTML 5Page - Microsemi Corporation PD70201 Datasheet HTML 6Page - Microsemi Corporation PD70201 Datasheet HTML 7Page - Microsemi Corporation PD70201 Datasheet HTML 8Page - Microsemi Corporation PD70201 Datasheet HTML 9Page - Microsemi Corporation PD70201 Datasheet HTML 10Page - Microsemi Corporation PD70201 Datasheet HTML 11Page - Microsemi Corporation PD70201 Datasheet HTML 12Page - Microsemi Corporation PD70201 Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
_________________________________________________________________________________________________________
Copyright © 2015
Microsemi
Page 9 of 20
Rev.2.0, 17-Jan-2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70101 / PD70201
Datasheet
Symbol
Parameter
Test Conditions / Comment
PD70101 & PD70201
Units
Min
Typ
Max
Unless otherwise specified, the following specifications apply over the operating ambient temperature of -40
°C ≤ TA ≤ 85°C except where otherwise
noted with the following test conditions: VPP= 48V; VEN = HIGH, fs = 250 kHz. Production tests performed at 25°C. Unless otherwise specified VPP is
with respect to VPN_IN, VCC is with respect to PGND.
PWSYNC_MIN
Synchronization Minimum Pulse
Width
100
ns
PWSYNC_MAX
Synchronization Maximum PWM
Duty
90
%
ISYNC
Synchronization Input Current
-1.3
+1.3
µA
Error Amplifier
GainDC_OPL
DC Open Loop Gain
1
RLOAD = 100k
70
100
dB
AVUGBW
Unity Gain Bandwidth
1
CLOAD = 10pF
2
5
MHz
ICOMP_OUT
Output Sourcing Current
0.2V
≤ VCOMP ≤ 1.3V
110
620
µA
ICOMP_IN
Output Sink Current
0.2V
≤ VCOMP ≤ 1.3V
145
495
µA
VEA_CMR
Input Common Mode Range
0
2
V
VFB
Feedback Voltage
COMP shorted to FB
1.171
1.200
1.229
V
IFB
FB Pin Input Current
-50
50
nA
VCOMP
Output Clamp Voltage
1.8
2.1
2.6
V
PWM Comparator
VRCLP
RCLP Voltage Range
0
1
V
Low Power Mode (Skip Pulse Mode)
Low Power Skip Mode
Threshold
1,4
VCOMP Rising (% of VRCLP)
95
%
VCOMP Falling (% of VRCLP)
90
%
Current Sense Amplifier and Current Limit
GainCSA
Gain
Measure at DC
4.75
5.0
5.25
V/V
VCSA_CMR
Input Common Mode Range
0
2.0
V
Output Rise/Fall time
1
10% to 90%
75
ns
tBLANK
Blanking Time
1
50
100
ns
VILIM_TH
Current Limit Threshold
1.1
1.2
1.3
V
VIMAX_TH
Current Max Threshold
1.7
1.8
1.9
v
Differential Amplifier
GainDA
Gain
Measured at DC
6.86
7.0
7.14
V/V
AVUGBW_DA
Unity Gain Bandwidth
1
5
MHz
VDA_CMR
Common Mode Range
0
3.5
V
Input Offset Voltage
-7
+7
mV
Input Bias Current
-1
+1
µA
Output Drivers
PG RdsONH
Primary Gate (PG) High On
Resistance
10
Ω
PG RdsONL
Primary Gate (PG) Low On
Resistance
5
Ω
SG RdsONH
Secondary Gate (SG) High On
Resistance
10
Ω
SG RdsONL
Secondary Gate (SG) Low On
Resistance
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com