Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # PD70201
Description  Power Over Ethernet 802.3af/at PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70201 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button PD70201 Datasheet HTML 2Page - Microsemi Corporation PD70201 Datasheet HTML 3Page - Microsemi Corporation PD70201 Datasheet HTML 4Page - Microsemi Corporation PD70201 Datasheet HTML 5Page - Microsemi Corporation PD70201 Datasheet HTML 6Page - Microsemi Corporation PD70201 Datasheet HTML 7Page - Microsemi Corporation PD70201 Datasheet HTML 8Page - Microsemi Corporation PD70201 Datasheet HTML 9Page - Microsemi Corporation PD70201 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
_________________________________________________________________________________________________________
Copyright © 2015
Microsemi
Page 6 of 20
Rev.2.0, 17-Jan-2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70101 / PD70201
Datasheet
Symbol
Parameter
Test Conditions / Comment
PD70101 & PD70201
Units
Min
Typ
Max
Unless otherwise specified, the following specifications apply over the operating ambient temperature of -40
°C ≤ TA ≤ 85°C except where otherwise
noted with the following test conditions: VPP= 48V; VEN = HIGH, fs = 250 kHz. Production tests performed at 25°C. Unless otherwise specified VPP is
with respect to VPN_IN, VCC is with respect to PGND.
Detection Mode
DETRANGE
Detection Voltage Range.
Measured between
VPP and VPNIN
1.3
10.1
V
RDET-ON
Detection Switch ON Resistance
2.5V
≤ (∆VPP to VPNIN) ≤ 10.1V
Measured between
RDET and VPNIN
50
RDET-OFF
Detection is Disconnected
Measured between
VPP and VPNIN
10.1
12.8
V
RDET-OFF
Detection switch OFF resistance
12.8V
≤ (∆VPP to VPNIN) ≤ 57.0V
Measured between RDET and VPNIN
2.0
M
IOFFSET
Input offset current
2.5V
≤ VPP ≤ 10.1V
-40°C
 T
J
 85°C
16
μA
IOFFSET
2.5V
≤ VPP ≤ 10.1V
-40°C
 T
J
 55°C
10
μA
VRDET-ON
RDET reconnection level
Measured between VPP and VPNIN
1.95
3.0
4.85
V
Classification Mode
VTH-LOW-ON
Classification Current Source,
Turn ON Threshold Range
Measured at VPP
Turn on for any ICLASS while VPP
increases
11.4
13.7
V
VHST
Classification Disconnection
Minimum Hysteresis Voltage.
Hysteresis between
VTH-low-on and VTH-low-off
1
V
VTH-HIGH-OFF
Classification Current Source,
Turn OFF Threshold Range
Measured at VPP
Turn off while VPP increases
20.9
23.9
V
ICLASS-LIM
Current limit threshold
50.0
68
80.0
mA
ICLASS-DIS
Input current IPP when
classification function is disabled
Class 0
RCLASS = Open
3.0
mA
ICLASS-EN
Input current IPP when
classification function is enabled
Class 1
RCLASS = 133
±1%
9.50
10.5
11.5
mA
Class 2;
RCLASS = 69.8
±1%
17.5
18.5
19.5
mA
Class 3
RCLASS = 45.3
±1%
26.5
28.0
29.5
mA
Class 4
RCLASS = 30.9
±1%
38.0
40.0
42.0
mA
RCLASS Voltage
1.142
1.278
V
Mark
VMARK
Mark, working range
VPP failing edge
4.9
10.1
V
IMARK
Mark Current
0.25
4
mA
Isolation Switch
VSW-START
Isolation Switch MOSFET switches
from off to ILIM-LOW
36
42
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com