Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 14 Page - Microsemi Corporation

Part # PD70201
Description  Power Over Ethernet 802.3af/at PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70201 Datasheet(HTML) 14 Page - Microsemi Corporation

Back Button PD70201 Datasheet HTML 10Page - Microsemi Corporation PD70201 Datasheet HTML 11Page - Microsemi Corporation PD70201 Datasheet HTML 12Page - Microsemi Corporation PD70201 Datasheet HTML 13Page - Microsemi Corporation PD70201 Datasheet HTML 14Page - Microsemi Corporation PD70201 Datasheet HTML 15Page - Microsemi Corporation PD70201 Datasheet HTML 16Page - Microsemi Corporation PD70201 Datasheet HTML 17Page - Microsemi Corporation PD70201 Datasheet HTML 18Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
_________________________________________________________________________________________________________
Copyright © 2015
Microsemi
Page 14 of 20
Rev.2.0, 17-Jan-2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70101 / PD70201
Datasheet
Theory of Operation
General Description
PD70101/PD70201 IC integrates IEEE 802.3af/at compliant PD Front-End functions including Detection, Physical
Layer Classification, Two-Events Classification (PD70201 only), Power Good, Soft Start Current Limiting, Over-
Current Protection, and Bulk Capacitor Discharge with a PWM controller. The integrated PWM controller function
provides a PWM controller solution with a minimum requirement of external components.
Detection
IEEE 802.3af/at compliant detection is prov
ided by means of a 24.9KΩ resistor connected between VPP and RDET
pin. RDET pin is connected to VPN_IN via an open drain MOSFET with a maximum specified RDSON of 50Ω.
Internal logic monitors VPP to VPN_IN and connects the RDET pin to VPN_IN when the rising VPP to VPN_IN
voltage is between 1.1V and 10.1V. When rising VPP to VPN_IN voltages exceed 10.1V, the MOSFET is switched
off.
Once above 10.1V, falling VPP to VPN_IN voltage between 2.45V and 4.85V will reconnect RDET pin to
VPN_IN.
Physical Layer Classification
Physical Layer (hardware) Classification per IEEE 802.3af/at is generated via a regulated reference voltage of 1.2V,
switched onto the RCLASS pin. Internal logic monitors the VPP to VPN_IN voltage and connects the 1.2V reference
to RCLASS pin at a rising VPP to VPN_IN voltage threshold between 11.4V and 13.7V. Once VPP to VPN_IN has
exceeded the rising threshold, there is a 1V typical hysteresis between the VPP rising (turn-on) threshold and the
VPP falling (turn-off) threshold.
The 1.2V reference stays connected to the RCLASS pin until the VPP to VPN_IN rising voltage exceeds the upper
turn-off threshold of 20.9V to 23.9V. The 1.2V reference voltage is disconnected from the RCLASS pin at VPP to
VPN_IN voltages above the upper threshold.
Classification current signature is provided via a resistor connected between RCLASS pin and VPN_IN.
The
classification current is therefore the current drawn by the PD70101/PD70201 IC during the classification phase, and
is simply the 1.2V reference voltage divided by the RCLASS resistor value. The maximum current available at the
RCLASS pin is current limited to 68mA (typical).
Two-Events Detection and AT Flag
The PD70201 IC provides IEEE 802.3at Type 2 compliant detection of the “Two Events Classification Signature”, and
generation of the AT flag. This feature is available on the PD70201 IC only.
Simply put, the “Two Events Classification Signature” is a mean by which an IEEE 802.3at Type 2 Power Source can
inform a compliant Power Device (PD) that it is AT Type 2 compliant, and as such is capable of providing AT Type 2
power levels.
The Power Source communicates the Type 2 compliant signature by toggling the VPP to VPN_IN voltage twice (2
“events”) during the Physical Layer Classification phase. The VPP to VPN_IN voltage is toggled from the Physical
Layer Classification’s voltage level (13.5V to 20.9V) down to a voltage “Mark” level. Voltage “Mark” level is specified
as a VPP to VPN_IN voltage of 4.9V to 10.1V.
PD70201 IC recognizes a VPP to VPN_IN falling edge from Classification level to Mark level as being one event of
the Two-Events Signature. If two such falling edges are detected, PD70201 will assert AT flag by means of an open
drain MOSFET connected between AT_FLAG pin and VPN_OUT.
AT_FLAG pin is active low; a low impedance state between AT_FLAG and VPN_OUT indicates a valid Two-Events
Classification Signature was received, and the Power Source is AT Type 2 compliant.
AT_FLAG MOSFET is capable of 5mA of current and can be pulled up to VPP.
Soft Start and Inrush Current Protection
PD70101/PD70201 IC contains an internal isolation switch that provides ground isolation between Power Source and
PD application during Detection and Classification phases. The isolation switch is a N-channel MOSFET, wired in a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com