Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000SERIES Datasheet(PDF) 13 Page - Pico Technology Ltd.

Part # 2000SERIES
Description  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

2000SERIES Datasheet(HTML) 13 Page - Pico Technology Ltd.

Back Button 2000SERIES Datasheet HTML 9Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 10Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 11Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 12Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 13Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 14Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 15Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 16Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 17Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
PicoScope 2000 Series oscilloscopes
PicoLog® 6 support
All PicoScope 2000 Series oscilloscopes are now supported in PicoLog 6, allowing you
to view and record signals on multiple units in one capture.
PicoLog 6 allows sample rates of up to 1 kS/s per channel, and is ideal for long-term
observation of general parameters, such as voltage or current levels, on several channels
at the same time. It is less suitable for waveshape or harmonic analysis: use the
PicoScope 6 software for these tasks.
You can also use PicoLog 6 to view data from your oscilloscope alongside a data
logger or other device. For example, you could measure voltage and current with your
PicoScope and plot both against temperature using a TC-08 thermocouple data logger.
PicoLog 6 is available for Windows, macOS and Linux, including Raspberry Pi OS..
PicoSDK® – write your own apps
Our software development kit, PicoSDK, allows you to write your own software and
includes drivers for Windows, macOS and Linux. Example code supplied on our GitHub
organization page shows how to interface to third-party software packages such as
National Instruments LabVIEW and MathWorks MATLAB.
Amongst other features, the drivers support data streaming, a mode that captures
continuous gap-free data directly to your PC at rates of up to 125 MS/s, so you are not
limited by the size of your scope’s capture memory. Sampling rates in streaming mode
are subject to PC specifications and application loading.
There is also an active community of
PicoScope 6 users who share both
code and whole applications on our
Test and Measurement Forum and the
PicoApps section of the website. The
Frequency Response Analyzer shown
here is one of the most popular of these
applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com