Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000SERIES Datasheet(PDF) 23 Page - Pico Technology Ltd.

Part # 2000SERIES
Description  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

2000SERIES Datasheet(HTML) 23 Page - Pico Technology Ltd.

Back Button 2000SERIES Datasheet HTML 19Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 20Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 21Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 22Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 23Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 24Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 25Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 26Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 27Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
PicoScope 2000 Series oscilloscopes
PicoScope 2000 Series specifications – signal generator
PicoScope 2204A & 2205A
PicoScope 2405A & 2205A MSO
All B models
Function generator
Standard output signals
Sine, square, triangle, DC voltage, ramp, sinc,
Gaussian, half-sine
Sine, square, triangle, DC voltage, ramp, sinc, Gaussian, half-sine
Pseudorandom output signals
None
White noise, PRBS
Standard signal frequency
DC to 100 kHz
DC to 1 MHz
Sweep modes
Up, down, dual with selectable start/stop
frequencies and increments
Up, down, dual with selectable start/stop frequencies and increments
Triggering
None
Free-run or up to 1 billion waveform cycles or frequency sweeps.
Triggered from scope trigger or manually.
Output frequency accuracy
Oscilloscope timebase accuracy ± output
frequency resolution
Oscilloscope timebase accuracy ± output frequency resolution
Output frequency resolution
< 0.02 Hz
< 0.01 Hz
Output voltage range
±2 V
±2 V
Output adjustments
Any amplitude and offset within ±2 V range
Any amplitude and offset within ±2 V range
Amplitude flatness (typical)
< 1 dB to 100 kHz
< 0.5 dB to 1 MHz
DC accuracy
±1% of full scale
±1% of full scale
SFDR (typical)
> 55 dB at 1 kHz full-scale sine wave
> 60 dB at 10 kHz full-scale sine wave
Output characteristics
Front panel BNC, 600 Ω output impedance
Front panel BNC, 600 Ω output impedance
Overvoltage protection
±20 V
±20 V
Arbitrary waveform generator
Update rate
1.548 MHz
20 MHz
Buffer size
4 kS
8 kS
32 kS
Resolution
12 bits
12 bits
Bandwidth
> 100 kHz
> 1 MHz
Rise time (10% to 90%)
< 2 µs
< 120 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com