Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000SERIES Datasheet(PDF) 19 Page - Pico Technology Ltd.

Part # 2000SERIES
Description  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

2000SERIES Datasheet(HTML) 19 Page - Pico Technology Ltd.

Back Button 2000SERIES Datasheet HTML 15Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 16Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 17Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 18Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 19Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 20Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 21Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 22Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 23Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
PicoScope 2000 Series oscilloscopes
PicoScope 2000 Series specifications – 4-channel oscilloscopes
PicoScope 2405A
PicoScope 2406B
PicoScope 2407B
PicoScope 2408B
Initial timebase accuracy
±50 ppm
±50 ppm
Timebase drift
±5 ppm/year
±5 ppm/year
Sample jitter
20 ps RMS, typical
3 ps RMS, typical
ADC sampling
Simultaneous sampling on all enabled channels
Simultaneous sampling on all enabled channels
Dynamic performance (typical)
Crosstalk
(full bandwidth, equal ranges)
Better than 300:1
Better than 300:1
Harmonic distortion
< –50 dB at 100 kHz, full-scale input, typical
< –50 dB at 100 kHz, full-scale input, typical
SFDR
(100 kHz, full-scale input, typical)
±20 mV range: > 44 dB
±50 mV range and higher: > 52 dB
±20 mV range: > 44 dB
±50 mV range and higher: > 52 dB
Noise (±20 mV range)
<150 µV RMS
< 220 μV RMS
< 300 μV RMS
Bandwidth flatness
(+0.3 dB, –3 dB) from DC to full bandwidth,
typical
(+0.3 dB, –3 dB) from DC to full bandwidth, typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com