Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000SERIES Datasheet(PDF) 27 Page - Pico Technology Ltd.

Part # 2000SERIES
Description  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

2000SERIES Datasheet(HTML) 27 Page - Pico Technology Ltd.

Back Button 2000SERIES Datasheet HTML 19Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 20Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 21Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 22Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 23Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 24Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 25Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 26Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 27Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
TC-08
8-channel temperature data logger. Accepts all
popular thermocouples to record temperatures
from −270 °C to +1820 °C
Up to 10 measurements per second at 20-bit
resolution. Optional terminal board for voltage
and current measurement.
PicoScope 4000 Series
A varied range of high-resolution oscilloscopes for a
multitude of analog applications.
Models available with 2 or 4 channels plus optional
IEPE interface, 2 channels at 16-bit resolution, 4 true
differential channel inputs for extra-low-voltage or
mains CAT III applications, or 8 channels at 12-bit
resolution.
PicoScope 3000 Series
Versatile general-purpose 2- and 4-channel
oscilloscopes and MSOs, suitable for a huge
range of analog and digital applications.
All models have a maximum sampling rate of
1 GS/s, USB 3.0 connectivity and access to the
DeepMeasure™ tool.
Up to 200 MHz bandwidth and 512 MS capture
memory.
Errors and omissions excepted. Pico Technology, PicoScope, PicoLog 6 and PicoSDK are internationally registered trademarks of Pico Technology Ltd.
LabVIEW is a trademark of National Instruments Corporation. Linux is the registered trademark of Linus Torvalds, registered in the U.S. and other
countries. macOS is a trademark of Apple Inc., registered in the U.S. and other countries. MATLAB is a registered trademark of The MathWorks, Inc.
Windows and Excel are registered trademarks of Microsoft Corporation in the U.S. and other countries. GitHub is a registered trademark of GitHub Inc. in
the U.S. and other countries.
MM071.en-7. Copyright © 2016–2021 Pico Technology Ltd. All rights reserved.
www.picotech.com
@picotechnologyltd
Pico Technology
Pico Technology
@LifeAtPico
@picotech
More products in the Pico Technology range...
UK global headquarters:
Pico Technology
James House
Colmworth Business Park
St. Neots
Cambridgeshire
PE19 8YP
United Kingdom
+44 (0) 1480 396 395
sales@picotech.com
North America regional office:
Pico Technology
320 N Glenwood Blvd
Tyler
TX 75702
United States
+1 800 591 2796
sales@picotech.com
Asia-Pacific regional office:
Pico Technology
Room 2252, 22/F, Centro
568 Hengfeng Road
Zhabei District
Shanghai 200070
PR China
+86 21 2226-5152
pico.asia-pacific@picotech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com