Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000SERIES Datasheet(PDF) 21 Page - Pico Technology Ltd.

Part # 2000SERIES
Description  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

2000SERIES Datasheet(HTML) 21 Page - Pico Technology Ltd.

Back Button 2000SERIES Datasheet HTML 17Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 18Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 19Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 20Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 21Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 22Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 23Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 24Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 25Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
PicoScope 2000 Series oscilloscopes
PicoScope 2000 Series specifications – mixed-signal oscilloscopes
PicoScope 2205A MSO
PicoScope 2206B MSO
PicoScope 2207B MSO
PicoScope 2208B MSO
Horizontal (timebase)
Maximum sampling rate 1 analog ch.
(real-time)
1 digital port
2 channels/ports
Other
500 MS/s
500 MS/s
250 MS/s
250 MS/s
1 GS/s
500 MS/s
500 MS/s
250 MS/s
Equivalent-time sampling rate (ETS)
5 GS/s
10 GS/s
Maximum sampling rate
(USB streaming)
8.9 MS/s (31 MS/s with PicoSDK)
9.6 MS/s (31 MS/s with PicoSDK)
Shortest timebase
2 ns/div
2 ns/div
1 ns/div
Longest timebase
5000 s/div
5000 s/div
Capture memory (block mode,
shared between active channels)
48 kS
32 MS
64 MS
128 MS
Capture memory
(USB streaming mode, PicoScope 6)
100 MS (shared between active channels)
100 MS (shared between active channels)
Capture memory
(USB streaming mode, PicoSDK)
Up to available PC memory
Up to available PC memory
Waveform buffers (PicoScope 6)
10 000
10 000
Maximum waveforms per second
2000
80 000
Initial timebase accuracy
±50 ppm
±50 ppm
Timebase drift
±5 ppm/year
±5 ppm/year
Sample jitter
20 ps RMS, typical
3 ps RMS, typical
ADC sampling
Simultaneous sampling on all enabled channels
Simultaneous sampling on all enabled channels
Dynamic performance (typical)
Crosstalk
(full bandwidth, equal ranges)
Better than 300:1
Better than 300:1
Harmonic distortion
< –50 dB at 100 kHz, full-scale input, typical
< –50 dB at 100 kHz, full-scale input, typical
SFDR
(100 kHz, full-scale input, typical)
±20 mV range: > 44 dB
±50 mV range and higher: > 52 dB
±20 mV range: > 44 dB
±50 mV range and higher: > 52 dB
Noise (±20 mV range)
< 150 µV RMS
< 220 μV RMS
< 300 μV RMS
Bandwidth flatness
(+0.3 dB, –3 dB) from DC to full bandwidth,
typical
(+0.3 dB, –3 dB) from DC to full bandwidth, typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com