Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000SERIES Datasheet(PDF) 7 Page - Pico Technology Ltd.

Part # 2000SERIES
Description  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

2000SERIES Datasheet(HTML) 7 Page - Pico Technology Ltd.

Back Button 2000SERIES Datasheet HTML 3Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 4Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 5Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 6Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 7Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 8Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 9Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 10Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 11Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
PicoScope 2000 Series oscilloscopes
Persistence mode
PicoScope 6 persistence mode options allow you to see old and new data
superimposed, with newer waveforms drawn in a brighter color or deeper shade. This
makes it easy to spot glitches and dropouts and estimate their relative frequency –
useful for displaying and interpreting complex analog signals such as video waveforms
and analog modulation signals.
The PicoScope 2000 Series’ hardware acceleration means that, in Fast Persistence
mode, waveform update rates of up to 80 000 waveforms per second are achievable.
Color-coding or intensity-grading shows which areas are stable and which are
intermittent. Choose between analog intensity, digital color and fast display modes or
create your own custom setup.
Spectrum analyzer
The spectrum view plots amplitude against frequency and is ideal for finding noise,
crosstalk or distortion in signals. PicoScope 6 uses a fast Fourier transform (FFT)
spectrum analyzer, which (unlike a traditional swept spectrum analyzer) can display
the spectrum of a single, non-repeating waveform.
With a click of a button, you can display a spectrum plot of the active channels, with
a maximum frequency of up to 200 MHz. A comprehensive range of settings gives
you control over the number of spectrum bins, window functions, scaling (including
log/log) and display mode (instantaneous, average or peak-hold).
Display multiple spectrum views with different channel selections and zoom factors,
and place these alongside time-domain views of the same data. Choose from
a number of automatic frequency-domain measurements to add to the display,
including THD, THD+N, SNR, SINAD and IMD. You can apply mask limit testing to a
spectrum and can even use the AWG and spectrum mode together to perform swept
scalar network analysis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com