Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000SERIES Datasheet(PDF) 3 Page - Pico Technology Ltd.

Part # 2000SERIES
Description  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

2000SERIES Datasheet(HTML) 3 Page - Pico Technology Ltd.

  2000SERIES Datasheet HTML 1Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 2Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 3Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 4Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 5Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 6Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 7Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 8Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
PicoScope 2000 Series oscilloscopes
Powerful, portable and super-small
The PicoScope 2000 Series oscilloscopes are compact enough to fit easily into your
laptop bag along with all their probes and leads. These modern alternatives to bulky
benchtop devices are ideal for a wide range of applications including design, test,
education, service, monitoring, fault-finding and repair, and are perfect for engineers on
the move.
Fast sampling
The PicoScope 2000 Series oscilloscopes provide fast real-time sampling rates of up
to 1 GS/s on the analog channels. This represents a timing resolution of 1 ns.
For repetitive analog signals, equivalent-time sampling (ETS) mode can boost the
maximum effective sampling rate up to 10 GS/s, allowing even finer resolution down
to 100 ps. All scopes support pre-trigger and post-trigger capture using the full
memory depth.
High-end features as standard
Buying a PicoScope is not like making a purchase from other oscilloscope companies,
where increased functionality can considerably raise the price. PicoScopes are all-
inclusive instruments, with no need for expensive upgrades to unlock the hardware.
Other advanced features such as resolution enhancement, mask limit testing, serial
decoding, advanced triggering, automatic measurements, math channels (including the
ability to plot frequency and duty cycle against time), XY mode and segmented memory
are all included in the price.
Flexibility
The PicoScope software offers a breadth of advanced features with a user-friendly
interface. As well as the standard Windows installation, PicoScope Beta software also
works effectively on Linux and macOS operating systems, giving you the freedom to
operate your PicoScope from your chosen platform.
Unique commitment to product support
Your PicoScope gets better the longer you use it, thanks to the regular free updates
we supply for both the PC software and the oscilloscope firmware throughout the life
of the product. The performance and functionality of the scope both keep improving,
without you paying a penny more than the purchase price.
This level of support, combined with the personal service provided by our technical and
sales support teams, is reflected in consistently excellent customer feedback.
High signal integrity
At Pico Technology we’re proud of the dynamic performance of our products. Careful
front-end design and shielding reduce noise, crosstalk and harmonic distortion.
Decades of oscilloscope design experience can be seen in improved pulse response
and bandwidth flatness.
The result is simple: when you probe a circuit, you can trust in the waveform you see on
the screen.
USB connectivity
The USB connection makes printing, copying, saving, and emailing
your data from the field quick and easy. The high-speed USB
interface allows fast data transfer, while USB powering removes
the need to carry around a bulky external power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com