Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000SERIES Datasheet(PDF) 24 Page - Pico Technology Ltd.

Part # 2000SERIES
Description  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

2000SERIES Datasheet(HTML) 24 Page - Pico Technology Ltd.

Back Button 2000SERIES Datasheet HTML 19Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 20Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 21Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 22Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 23Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 24Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 25Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 26Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 27Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
PicoScope 2000 Series oscilloscopes
PicoScope 2000 Series specifications – common features
Spectrum analyzer
Frequency range
DC to analog bandwidth of oscilloscope
Display modes
Magnitude, average, peak hold
Windowing functions
Rectangular, Gaussian, triangular, Blackman, Blackman-Harris, Hamming, Hann, flat-top
Number of FFT points
Selectable from 128 to half available capture memory in powers of 2
Math channels
Functions
−x, x+y, x−y, x*y, x/y, x^y, sqrt, exp, ln, log, abs, norm, sign, sin, cos, tan, arcsin, arccos, arctan, sinh, cosh, tanh,
freq, derivative, integral, min, max, average, peak, delay, duty, highpass, lowpass, bandpass, bandstop
Operands
A, B (input channels), C, D (input channels, 4-channel models only),
T (time), reference waveforms, constants, pi, digital channels (MSO models only)
Automatic measurements
Scope mode
AC RMS, cycle time, DC average, duty cycle, edge count, falling edge count, falling rate, fall time, frequency, high pulse width, low pulse width,
maximum, minimum, peak to peak, rise time, rising edge count, rising rate, true RMS
Spectrum mode
Frequency at peak, amplitude at peak, THD dB, SNR, SINAD, SFDR, total power, average amplitude at peak, THD %, THD+N, IMD
Statistics
Minimum, maximum, average and standard deviation
Serial decoding
Protocols
1-Wire, ARINC 429, CAN, CAN-FD, DALI, DCC, DMX512, FlexRay, Ethernet 10Base-T, I²C, I²S, LIN, Manchester, Modbus ASCII, Modbus RTU,
PS/2, SENT, SPI, UART/RS-232, USB 1.1 (subject to bandwidth and sampling rate of chosen oscilloscope model)
Mask limit testing
Statistics
Pass/fail, failure count, total count
Display
Interpolation
Linear or sin(x)/x
Persistence modes
Digital color, analog intensity, custom, fast or none
General
PC connectivity
USB 2.0 (USB 3.0 compatible). USB cable included.
Power requirements
Powered from USB port
Dimensions
(including connectors and feet)
142 x 92 x 18.8 mm (PicoScope 2204A and 2205A only)
130 x 104 x 18.8 mm (all other models, including PicoScope 2205A MSO)
Weight
< 0.2 kg (7 oz)
Temperature range, operating
0 °C to 50 °C
Temperature range, operating, for
stated accuracy
15 °C to 30 °C
Temperature range, storage
–20 °C to +60 °C
Humidity range, operating
5% to 80% RH non-condensing
Humidity range, storage
5% to 95% RH non-condensing
Altitude range
up to 2000 m
Pollution degree
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com