Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000SERIES Datasheet(PDF) 17 Page - Pico Technology Ltd.

Part # 2000SERIES
Description  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

2000SERIES Datasheet(HTML) 17 Page - Pico Technology Ltd.

Back Button 2000SERIES Datasheet HTML 13Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 14Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 15Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 16Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 17Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 18Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 19Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 20Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 21Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
PicoScope 2000 Series oscilloscopes
PicoScope 2000 Series specifications – 2-channel oscilloscopes
PicoScope 2204A
PicoScope 2205A
PicoScope 2206B
PicoScope 2207B
PicoScope 2208B
Initial timebase accuracy
±100 ppm
±50 ppm
Timebase drift
±5 ppm/year
±5 ppm/year
Sample jitter
30 ps RMS typical
20 ps RMS typical
3 ps RMS typical
ADC sampling
Simultaneous sampling on all enabled channels
Simultaneous sampling on all enabled channels
Dynamic performance (typical)
Crosstalk
(full bandwidth, equal ranges)
Better than 200:1
Better than 300:1
Harmonic distortion
< –50 dB at 100 kHz, full-scale input, typical
< –50 dB at 100 kHz, full-scale input, typical
SFDR
(100 kHz, full-scale input, typical)
> 52 dB
±20 mV range: > 44 dB
±50 mV range and higher: > 52 dB
Noise
< 150 µV RMS
(±50 mV range)
< 220 µV RMS
(±20 mV range)
< 300 µV RMS
(±20 mV range)
Bandwidth flatness
(+0.3 dB, –3 dB) from DC to full bandwidth
(+0.3 dB, –3 dB) from DC to full bandwidth
Triggering
Sources
Ch A, Ch B
Ch A, Ch B
Trigger modes
None, auto, repeat, single
None, auto, repeat, single, rapid (segmented memory)
Advanced triggers
Edge, window, pulse width, window pulse width,
dropout, window dropout, interval, logic
Edge, window, pulse width, window pulse width, dropout, window dropout, interval, runt
pulse, logic
Trigger types, ETS
Rising or falling edge
Rising or falling edge (available on Ch A only)
Segmented memory buffers
(PicoSDK)
N/A
128 000
256 000
500 000
Segmented memory buffers
(PicoScope software)
N/A
10 000
Trigger sensitivity, real-time
Digital triggering provides 1 LSB accuracy up to
full bandwidth
Digital triggering provides 1 LSB accuracy up to full bandwidth
Trigger sensitivity, ETS
10 mV p-p, typical, at full bandwidth
10 mV p-p, typical, at full bandwidth
Maximum pre-trigger capture
100% of capture size
100% of capture size
Maximum post-trigger delay
4 billion samples
4 billion samples
Trigger rearm time
PC-dependent
< 2 μs at 500 MS/s
sampling rate
< 1 µs at 1 GS/s sampling rate
Maximum trigger rate
PC-dependent
10 000 waveforms in a
12 ms burst, at 500 MS/s
sampling rate, typical
10 000 waveforms in a 6 ms burst, at 1 GS/s sampling
rate, typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com