Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000SERIES Datasheet(PDF) 15 Page - Pico Technology Ltd.

Part # 2000SERIES
Description  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

2000SERIES Datasheet(HTML) 15 Page - Pico Technology Ltd.

Back Button 2000SERIES Datasheet HTML 11Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 12Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 13Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 14Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 15Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 16Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 17Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 18Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 19Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
PicoScope 2000 Series oscilloscopes
Model
PicoScope
2204A
PicoScope
2205A
PicoScope
2206B
PicoScope
2207B
PicoScope
2208B
Bandwidth
10 MHz
25 MHz
50 MHz
70 MHz
100 MHz
Maximum sampling rate
100 MS/s
200 MS/s
500 MS/s
1 GS/s
1 GS/s
Capture memory
8 kS
16 kS
32 MS
64 MS
128 MS
AWG bandwidth
100 kHz
100 kHz
1 MHz
1 MHz
1 MHz
Model
PicoScope
2405A
PicoScope
2406B
PicoScope
2407B
PicoScope
2408B
Bandwidth
25 MHz
50 MHz
70 MHz
100 MHz
Maximum sampling rate
500 MS/s
1 GS/s
1 GS/s
1 GS/s
Capture memory
48 kS
32 MS
64 MS
128 MS
AWG bandwidth
1 MHz
1 MHz
1 MHz
1 MHz
Model
PicoScope
2205A MSO
PicoScope
2206B MSO
PicoScope
2207B MSO
PicoScope
2208B MSO
Bandwidth
25 MHz
50 MHz
70 MHz
100 MHz
Maximum sampling rate
500 MS/s
1 GS/s
1 GS/s
1 GS/s
Capture memory
48 kS
32 MS
64 MS
128 MS
AWG bandwidth
1 MHz
1 MHz
1 MHz
1 MHz
VIEW your waveform with a low-cost USB-
powered and connected oscilloscope.
All standard PicoScope features are
included: automatic measurements, serial
decoding, persistence displays, mask
limit testing, spectrum analysis, arbitrary
waveform generator and more.
ANALYZE your waveform with a high-performance USB-powered
and connected oscilloscope.
Deep memory allows you to capture over long time periods at
high sampling rates. You can then zoom in on your data without
having to recapture. This is essential when you need to analyze
one-off events with detailed timing resolution.
The arbitrary waveform generator can store complex waveforms
in its large memory buffer, allowing you to test your design with
realistic inputs.
Quick product selector
2-channel oscilloscopes
4-channel oscilloscopes
Mixed-signal oscilloscopes
2 analog + 16 digital inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com