Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000SERIES Datasheet(PDF) 18 Page - Pico Technology Ltd.

Part # 2000SERIES
Description  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

2000SERIES Datasheet(HTML) 18 Page - Pico Technology Ltd.

Back Button 2000SERIES Datasheet HTML 14Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 15Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 16Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 17Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 18Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 19Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 20Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 21Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 22Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
PicoScope 2000 Series oscilloscopes
PicoScope 2000 Series specifications – 4-channel oscilloscopes
PicoScope 2405A
PicoScope 2406B
PicoScope 2407B
PicoScope 2408B
Vertical
Bandwidth (–3 dB)
25 MHz
50 MHz
70 MHz
100 MHz
Rise time (calculated)
14 ns
7 ns
5 ns
3.5 ns
Software lowpass filter
Not applicable
Configurable lowpass filter
Vertical resolution
8 bits
8 bits
Enhanced vertical resolution
Up to 12 bits
Up to 12 bits
Input ranges
±20 mV, ±50 mV, ±100 mV, ±200 mV, ±500 mV,
±1 V, ±2 V, ±5 V, ±10 V, ±20 V
±20 mV, ±50 mV, ±100 mV, ±200 mV, ±500 mV,
±1 V, ±2 V, ±5 V, ±10 V, ±20 V
Input sensitivity
4 mV/div to 4 V/div (10 vertical divisions)
4 mV/div to 4 V/div (10 vertical divisions)
Input coupling
AC / DC
AC / DC
Input characteristics
1 MΩ ± 1%
∥ 16 pF ± 1 pF
1 MΩ ± 1%
∥ 16 pF ± 1 pF
Input connector
Single-ended, BNC(f)
Single-ended, BNC(f)
Analog offset range
(vertical position adjustment)
±250 mV (20 mV to 200 mV ranges)
±2.5 V (500 mV to 2 V ranges)
±25 V (5 V to 20 V ranges)
±250 mV (20 mV to 200 mV ranges)
±2.5 V (500 mV to 2 V ranges)
±25 V (5 V to 20 V ranges)
Analog offset control accuracy
±1% of offset setting, additional to basic DC accuracy
±1% of offset setting, additional to basic DC accuracy
DC accuracy
±3% of full scale ±200 μV
±3% of full scale ±200 μV
Overvoltage protection
±100 V (DC + AC peak) up to 10 kHz
±100 V (DC + AC peak) up to 10 kHz
Horizontal (timebase)
Maximum sampling rate
1 ch.
(real-time)
2 ch.
3 or 4 ch.
500 MS/s
250 MS/s
125 MS/s
1 GS/s
500 MS/s
250 MS/s
Equivalent-time sampling rate (ETS)
5 GS/s
10 GS/s
Maximum sampling rate
(USB streaming)
8.9 MS/s (31 MS/s with PicoSDK)
9.6 MS/s (31 MS/s with PicoSDK)
Shortest timebase
2 ns/div
2 ns/div
1 ns/div
Longest timebase
5000 s/div
5000 s/div
Capture memory (block mode,
shared between active channels)
48 kS
32 MS
64 MS
128 MS
Capture memory
(USB streaming mode, PicoScope 6)
100 MS (shared between active channels)
100 MS (shared between active channels)
Capture memory
(USB streaming mode, PicoSDK)
Up to available PC memory
Up to available PC memory
Waveform buffers (PicoScope 6)
10 000
10 000
Maximum waveforms per second
2000
80 000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com