Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPARCH-RM/D Datasheet(PDF) 24 Page - NXP Semiconductors

Part # C5NPARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5NPARCH-RM/D Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button C5NPARCH-RM/D Datasheet HTML 20Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 21Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 22Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 23Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 24Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 25Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 26Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 27Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 114 page
background image
24
CHAPTER 1: FUNCTIONAL DESCRIPTION
C3EN
• PROM Interface — Allows the XP to boot from nonvolatile, flash memory. The PROM
interface is a low-speed, serial I/O port that runs at 1/
2 to
1/
16 the core clock rate. The
maximum PROM size addressable is 4MBytes, and must use a “by 16” part. External
board logic is required to perform serial-to-parallel conversion for PROM address
outputs and parallel-to-serial conversion for PROM data inputs.
Fabric Processor
The Fabric Processor (FP) acts as a high-speed network interface port with advanced
functionality. It allows the C-3e NP to interface to an application-specific switching
solution internal to your design. The FP port supports the bidirectional transfer of
segments from the C-3e NP to a hardware interface that provides connectivity to other
network processors or other similar line processing hardware. There are numerous
parameters that can be configured within the FP to allow the interface to be adapted to
different fabric protocols. The FP can be configured to conform to three (3) different fabric
interfaces that include: UTOPIA-1, -2, -3.
The FP can be configured to run at any frequency up to 125MHz, with the receive and
transmit data buses up to 16 bits wide. This allows a wide range of supported bandwidths
to and from the switching fabric, all the way up to 2000 Mbps full duplex bandwidth.
Buffer Management Unit
The Buffer Management Unit (BMU) interfaces the C-3e NP to external pipeline
architecture, Single Data Rate Synchronous DRAM. The external memory is partitioned
and used as buffers for receiving and transmitting data between CPs, the FP, and the XP. It
is also used as second level storage in the XP memory hierarchy.
The interface to an array of SDRAM chips is 139bits wide, composed of 128 data bits, two
internal control bits, and nine SECDED (single error correction-double error detection) ECC
(error correction code) bits. The interface is compliant with the PC100 standard and
operates at up to 125MHz with 3.3V LVTTL-compatible inputs and outputs. The refresh
period, Trcd, Tcas, Trp, Tmrd, and Trc are configurable via boot time configuration (see the
C-5e/C-3e Network Processor Architecture Guide (part number C5EC3EARCH-RM/D) for more
details).
The C-3e NP non-configurable interface transfers four beats of data for each read and
write using a sequential burst type. In addition, the C-3e NP uses an auto-refresh mode for
the RAM’s.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com