Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPARCH-RM/D Datasheet(PDF) 98 Page - NXP Semiconductors

Part # C5NPARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5NPARCH-RM/D Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button C5NPARCH-RM/D Datasheet HTML 94Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 95Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 96Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 97Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 98Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 99Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 100Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 101Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 114 page
background image
98
CHAPTER 3: ELECTRICAL SPECIFICATIONS
C3EN
QMU SRAM (Internal
Mode) Timing
Specifications
The QMU SRAM (Internal Mode) timing specifications are shown in Figure 26 and
described in Table 53.
Figure 26 QMU SRAM (Internal Mode) Timing Diagram
QACLKI
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
Q_ctl
QAn
QDn
(output)
QDn
(input)
Tqc
Tqdo
Tqco
Tqao
Tqdv
Tqds
Tqdz
Tqdh
Table 53 QMU SRAM (Internal Mode) Timing Description
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
COMMENT
Tqc
QMU Cycle Time
6.7
ns
Tqco
QMU Ctrl Output
0.8
4.4
ns
Loading is 50
Ω
transmission line.
Tqao
QMU Addr Output
0.8
4.4
ns
Loading is 50
Ω
transmission line.
Tqds
QMU Data Setup
0.8
ns
Tqdh
QMU Data Hold
0.8
ns
Tqdo
QMU Data Output
0.9
4.4
ns
Loading is 50
Ω
transmission line.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com