Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPARCH-RM/D Datasheet(PDF) 85 Page - NXP Semiconductors

Part # C5NPARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5NPARCH-RM/D Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button C5NPARCH-RM/D Datasheet HTML 81Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 82Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 83Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 84Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 85Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 86Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 87Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 88Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 114 page
background image
AC Timing Specifications
85
03
OC-3 Timing Specifications
The OC-3 interface timing is shown in Figure 17 and described in Table 42.
Figure 17 OC-3 Timing Diagram
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
CPn_2
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
CPn_3
CPn_0
CPn_1
CPn_4
CPn_5
Tc3t
Tc3r
Tc3d
Tc3i
Tc3s
Tc3h
Tc3s
Tc3h
Table 42 OC-3 Timing Description
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
Tc3t
OC-3 Transmit Cycle Time
6.43
ns
Tc3i
OC-3 Pulse Width
2.0
ns
Tc3r
OC-3 Receive Cycle Time*
* 155.52MHz
6.0
ns
Tc3d
OC-3 Clock Duty Cycle
40
60
%
Tc3s
OC-3 Setup Time
2.0
ns
Tc3h
OC-3 Hold Time
0.0
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com