Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPARCH-RM/D Datasheet(PDF) 78 Page - NXP Semiconductors

Part # C5NPARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5NPARCH-RM/D Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button C5NPARCH-RM/D Datasheet HTML 74Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 75Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 76Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 77Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 78Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 79Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 80Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 81Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 114 page
background image
78
CHAPTER 3: ELECTRICAL SPECIFICATIONS
C3EN
θ
jc is the junction-to-case thermal resistance
θ
int is the adhesive or interface material thermal resistance
θ
sa is the heat sink base-to-ambient thermal resistance
P
d is the power dissipated by the device
During operation, the die-junction temperatures (T
j ) should be maintained less than the
value specified in Table 36. The temperature of the air cooling the component greatly
depends upon the ambient inlet air temperature and the air temperature rise within the
electronic cabinet. An electronic cabinet inlet-air temperature (T
a ) may range from 30° to
40°C. The air temperature rise within a cabinet (T r ) may be in the range of 5° to 10°C. The
thermal resistance of the thermal interface material (
θ
int ) is typically about 1.5°C/W. For
example, assuming a T
a of 30°C, a T r of 5°C, a CBGA package θjc = 0.1, and a maximum
power consumption (P
d ) of 7.5 W, the following expression for T j is obtained:
Die-junction temperature: T
j = 30°C + 5°C + (0.1°C/W + 1.5°C/W + θsa ) x 7.5 W
For this example, a
θ
sa value of 10.4°C/W or less is required to maintain the die junction
temperature below the maximum value of Table 36.
Though the die junction-to-ambient and the heat sink-to-ambient thermal resistances are
a common figure-of-merit used for comparing the thermal performance of various
microelectronic packaging technologies, one should exercise caution when only using
this metric in determining thermal management because no single parameter can
adequately describe three-dimensional heat flow. The final die-junction operating
temperature is not only a function of the component-level thermal resistance, but the
system-level design and its operating conditions. In addition to the component's power
consumption, a number of factors affect the final operating die-junction
temperature—airflow, board population (local heat flux of adjacent components), heat
sink efficiency, heat sink attach, heat sink placement, next-level interconnect technology,
system air temperature rise, altitude, etc.
Due to the complexity and the many variations of system-level boundary conditions for
today's microelectronic equipment, the combined effects of the heat transfer
mechanisms (radiation, convection,and conduction) may vary widely. For these reasons,
we recommend using conjugate heat transfer models for the board, as well as
system-level designs.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com