Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPARCH-RM/D Datasheet(PDF) 38 Page - NXP Semiconductors

Part # C5NPARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5NPARCH-RM/D Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button C5NPARCH-RM/D Datasheet HTML 34Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 35Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 36Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 37Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 38Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 39Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 40Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 41Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 114 page
background image
38
CHAPTER 2: SIGNAL DESCRIPTIONS
C3EN
Gigabit Ethernet and Fibre Channel TBI Configuration
1000BASE-T Gigabit Ethernet and Fibre Channel TBI is implemented in much the same
way as Gigabit Ethernet (GMII). Table 10 shows the possible CP pin combinations you can
use and Figure 4 shows receive and transmit pin configurations by cluster. Table 12 shows
the signals and pinouts for a single cluster for Gigabit Ethernet and Fibre Channel TBI.
The unused pins for the two cluster configurations should be wired down using a resistor.
CPn+3_2
Table 7 1
LVTTL
I
PD
RXD(4)
Receive Data
CPn+3_3
Table 7 1
LVTTL
I
PU
RXD(5)
Receive Data
CPn+3_4
Table 7 1
LVTTL
I
PD
RXD(6)
Receive Data
CPn+3_5
Table 7 1
LVTTL
I
PU
RXD(7)
Receive Data (most significant bit)
CPn+3_6
Table 7 1
LVTTL
I
PU
RX_ER
Receive Error Detected. Indicates that there has been an error
received in the receive frame.
TOTAL PINS
28
* n can be 0, or 4.
† Reference Table 7 for pin numbers for the actual cluster(s) you are configuring.
Table 11 Gigabit Ethernet (GMII/MII) Signals One Cluster Example (continued)
SIGNAL NAME*
PIN #†
TOTAL
TYPE
I/O
LABEL
SIGNAL DESCRIPTION
Table 12 Gigabit Ethernet and Fibre Channel TBI Signals Example
SIGNAL NAME*
PIN #†
TOTAL
TYPE
I/O
LABEL
SIGNAL DESCRIPTION
CPn_0
Table 7 1
LVTTL
O
PD
TCLK
Transmit Clock (125MHz). This clock is used to synchronize the
transmit data.
CPn_1
Table 7 1
nc
nc
PU
nc
nc
CPn_2
Table 7 1
LVTTL
O
PD
TXD(9)
Transmit Data (ten bits wide, last on wire)
CPn_3
Table 7 1
LVTTL
O
PU
TXD(8)
Transmit Data
CPn_4
Table 7 1
LVTTL
O
PD
TXD(7)
Transmit Data
CPn_5
Table 7 1
LVTTL
O
PU
TXD(6)
Transmit Data
CPn_6
Table 7 1
LVTTL
O
PU
TXD(1)
Transmit Data
CPn+1_0
Table 7 1
nc
nc
PD
nc
nc
CPn+1_1
Table 7 1
nc
nc
PU
nc
nc
CPn+1_2
Table 7 1
LVTTL
O
PD
TXD(5)
Transmit Data
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com