Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPARCH-RM/D Datasheet(PDF) 94 Page - NXP Semiconductors

Part # C5NPARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5NPARCH-RM/D Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button C5NPARCH-RM/D Datasheet HTML 90Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 91Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 92Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 93Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 94Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 95Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 96Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 97Page - NXP Semiconductors C5NPARCH-RM/D Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 114 page
background image
94
CHAPTER 3: ELECTRICAL SPECIFICATIONS
C3EN
BMU Timing
Specifications
The BMU timing specifications are shown in Figure 24 and described in Table 49.
The BMU synchronous DRAM interface is PC100-compliant and designed to work with
industry standard SDRAM components with 12 or fewer address lines. The information
below is intended to provide the output, setup, and hold data required to design this
interface without duplicating the transaction waveform diagrams in SDRAM data sheets.
Figure 24 BMU Timing Diagram
MDCLK
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
M_ctl
MAn
MDn
(output)
MDn
(input)
Tmc
Tmdo
Tmco
Tmao
Tmdv
Tmds
Tmdz
Tmdh
Table 49 BMU Timing Description
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
Tmc
BMU Cycle Time
8.0
ns
Tmco
BMU Ctrl Output
0.8
3.9
ns
Tmao
BMU Addr Output
0.8
3.9
ns
Tmds
BMU Data Setup
0.5
ns
Tmdh
BMU Data Hold
1.1
ns
Tmdo
BMU Data Output
0.8
4.5
ns
Tmdz
BMU Data Clk to Tri*
* Not fully tested, values based on design/characterization.
0.8
4.5
ns
Tmdv
BMU Data Clk to Driven*
0.8
4.5
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com